Electronic Components Datasheet Search
  English  ▼

X  

OPA2211AI Datasheet(PDF) 13 Page - Texas Instruments

Part # OPA2211AI
Description  1.1nV/?숰z Noise, Low Power, Precision Operational Amplifier in Small DFN-8 Package
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA2211AI Datasheet(HTML) 13 Page - Texas Instruments

Back Button OPA2211AI Datasheet HTML 9Page - Texas Instruments OPA2211AI Datasheet HTML 10Page - Texas Instruments OPA2211AI Datasheet HTML 11Page - Texas Instruments OPA2211AI Datasheet HTML 12Page - Texas Instruments OPA2211AI Datasheet HTML 13Page - Texas Instruments OPA2211AI Datasheet HTML 14Page - Texas Instruments OPA2211AI Datasheet HTML 15Page - Texas Instruments OPA2211AI Datasheet HTML 16Page - Texas Instruments OPA2211AI Datasheet HTML 17Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
www.ti.com
APPLICATION INFORMATION
OPERATING VOLTAGE
IN-
Pre-OutputDriver
OUT
IN+
V-
V+
OPA211
OPA2211
SBOS377D – OCTOBER 2006 – REVISED FEBRUARY 2008
negative output voltage swing. With the OPA211
The OPA211 and OPA2211 are unity-gain stable,
series, power-supply voltages do not need to be
precision op amps with very low noise. Applications
equal. For example, the positive supply could be set
with noisy or high impedance power supplies require
to
+25V
with
the
negative
supply
at
–5V
or
decoupling capacitors close to the device pins. In
vice-versa.
most
cases,
0.1
µF capacitors are adequate.
Figure 38 shows a simplified schematic of the
The common-mode voltage must be maintained
OPA211. This die uses a SiGe bipolar process and
within
the
specified
range.
In
addition,
key
contains 180 transistors.
parameters
are
assured
over
the
specified
temperature
range,
TA
=
–40
°C to +125°C.
Parameters that vary significantly with operating
voltage or temperature are shown in the Typical
OPA211 series op amps operate from ±2.25V to
Characteristics.
±18V
supplies
while
maintaining
excellent
performance. The OPA211 series can operate with as
little as +4.5V between the supplies and with up to
+36V
between
the
supplies.
However,
some
applications
do
not
require
equal
positive
and
Figure 38. OPA211 Simplified Schematic
Copyright © 2006–2008, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): OPA211 OPA2211



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com