Electronic Components Datasheet Search
  English  ▼

X  

OPA2211AI Datasheet(PDF) 14 Page - Texas Instruments

Part # OPA2211AI
Description  1.1nV/?숰z Noise, Low Power, Precision Operational Amplifier in Small DFN-8 Package
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA2211AI Datasheet(HTML) 14 Page - Texas Instruments

Back Button OPA2211AI Datasheet HTML 9Page - Texas Instruments OPA2211AI Datasheet HTML 10Page - Texas Instruments OPA2211AI Datasheet HTML 11Page - Texas Instruments OPA2211AI Datasheet HTML 12Page - Texas Instruments OPA2211AI Datasheet HTML 13Page - Texas Instruments OPA2211AI Datasheet HTML 14Page - Texas Instruments OPA2211AI Datasheet HTML 15Page - Texas Instruments OPA2211AI Datasheet HTML 16Page - Texas Instruments OPA2211AI Datasheet HTML 17Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
www.ti.com
INPUT PROTECTION
VOLTAGENOISESPECTRALDENSITY
vsSOURCERESISTANCE
100k
10M
SourceResistance,R ( )
W
S
100
1k
10k
10k
1k
100
10
1
R
S
E
O
E
=e
O
n
S
+(i R ) +4kTR
n
S
2
2
2
ResistorNoise
OPA227
OPA211
BASIC NOISE CALCULATIONS
OPA211
Output
R
F
Input
-
+
R
I
NOISE PERFORMANCE
OPA211
OPA2211
SBOS377D – OCTOBER 2006 – REVISED FEBRUARY 2008
The input terminals of the OPA211 are protected from
excessive
differential
voltage
with
back-to-back
diodes, as shown in Figure 39. In most circuit
applications, the input protection circuitry has no
consequence. However, in low-gain or G = 1 circuits,
fast ramping input signals can forward bias these
diodes because the output of the amplifier cannot
respond rapidly enough to the input ramp. This effect
is
illustrated
in
Figure
29
of
the
Typical
Characteristics. If the input signal is fast enough to
create this forward bias condition, the input signal
current must be limited to 10mA or less. If the input
signal current is not inherently limited, an input series
resistor can be used to limit the signal input current.
This input series resistor degrades the low noise
performance
of
the
OPA211.
See
the
Noise
Performance section of this data sheet for further
Figure 40. Noise Performance of the OPA211 in
Unity-Gain Buffer Configuration
information on noise calculation. Figure 39 shows an
example implementing a current-limiting feedback
resistor.
Design of low-noise op amp circuits requires careful
consideration
of
a
variety
of
possible
noise
contributors: noise from the signal source, noise
generated in the op amp, and noise from the
feedback network resistors. The total noise of the
circuit is the root-sum-square combination of all noise
components.
The resistive portion of the source impedance
produces thermal noise proportional to the square
root of the resistance. This function is plotted in
Figure 40. The source impedance is usually fixed;
Figure 39. Pulsed Operation
consequently, select the op amp and the feedback
resistors to minimize the respective contributions to
the total noise.
Figure 40 depicts total noise for varying source
Figure 40 shows total circuit noise for varying source
impedances
with
the
op
amp
in
a
unity-gain
impedances
with
the
op
amp
in
a
unity-gain
configuration (no feedback resistor network, and
configuration (no feedback resistor network, and
therefore no additional noise contributions). The
therefore no additional noise contributions). Two
operational amplifier itself contributes both a voltage
different op amps are shown with total circuit noise
noise component and a current noise component.
calculated. The OPA211 has very low voltage noise,
The voltage noise is commonly modeled as a
making it ideal for low source impedances (less than
time-varying component of the offset voltage. The
2k
Ω). A similar precision op amp, the OPA227, has
current
noise
is
modeled
as
the
time-varying
somewhat higher voltage noise but lower current
component of the input bias current and reacts with
noise. It provides excellent noise performance at
the source resistance to create a voltage component
moderate source impedance (10k
Ω to 100kΩ). Above
of noise. Therefore, the lowest noise op amp for a
100k
Ω, a FET-input op amp such as the OPA132
given application depends on the source impedance.
(very low current noise) may provide improved
For low source impedance, current noise is negligible
performance. The equation in Figure 40 is shown for
and voltage noise generally dominates. For high
the calculation of the total circuit noise. Note that en =
source impedance, current noise may dominate.
voltage noise, in = current noise, RS = source
impedance, k = Boltzmann’s constant = 1.38
× 10–23
J/K, and T is temperature in K. For more details on
calculating noise, see the Basic Noise Calculations
section.
14
Submit Documentation Feedback
Copyright © 2006–2008, Texas Instruments Incorporated
Product Folder Link(s): OPA211 OPA2211



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com