Electronic Components Datasheet Search
  English  ▼

X  

INA600B Datasheet(PDF) 5 Page - Texas Instruments

Part # INA600B
Description  INA600 Low-Power, 2.7V to 40V Attenuating Difference Amplifier With >1MΩ Input Impedance for Cost-Optimized Designs
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA600B Datasheet(HTML) 5 Page - Texas Instruments

  INA600B Datasheet HTML 1Page - Texas Instruments INA600B Datasheet HTML 2Page - Texas Instruments INA600B Datasheet HTML 3Page - Texas Instruments INA600B Datasheet HTML 4Page - Texas Instruments INA600B Datasheet HTML 5Page - Texas Instruments INA600B Datasheet HTML 6Page - Texas Instruments INA600B Datasheet HTML 7Page - Texas Instruments INA600B Datasheet HTML 8Page - Texas Instruments INA600B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 39 page
background image
6.4 Thermal Information
THERMAL METRIC(1)
INA600
UNIT
DCK (SC70)
DBV (SOT-23)
6 PINS
6 PINS
RθJA
Junction-to-ambient thermal resistance
TBD
166.8
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
TBD
85.0
°C/W
RθJB
Junction-to-board thermal resistance
TBD
48.9
°C/W
ψJT
Junction-to-top characterization parameter
TBD
24.7
°C/W
ψJB
Junction-to-board characterization parameter
TBD
48.7
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
TBD
n/a
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
note.
6.5 Electrical Characteristics - INA600A
For VS = (V+) – (V–) = 2.7V to 40V (±1.35V to ±20V) at TA = 25°C, VREF = VS / 2, G = 1/5, RL = 10kΩ connected to VS / 2,
VCM = (VIN+ + VIN–) / 2 = VS / 2, VIN = (VIN+ – VIN–) = 0V and VOUT = VS / 2 (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OFFSET
VOSO
Offset voltage, RTO
VS = 2.7V and 40V
TA = 25°C
±1.1
±4.5
mV
Offset voltage over T,
RTO
TA = –40°C to 125°C
±5.0
mV
Offset temp drift, RTO(1)
TA = –40°C to 125°C
±2
±10
µV/°C
PSRR
Power-supply rejection
ratio, RTO
VS = 4V to 40V
TA = 25°C
2.5
10
µV/V
PSRR
Power-supply rejection
ratio, RTO
VS = 2.7V to 40V
TA = 25°C
3
15
µV/V
INPUT IMPEDANCE
RIN-DM
Differential Resistance
2400
kΩ
RIN-CM
Common-mode
Resistance
635
kΩ
INPUT VOLTAGE
VCM
Input common-mode
Range
VS = 2.7V
(V–) – 2.5
(V–) + 22.5
V
VCM
Input common-mode
Range
VS = 4.5V
(V–) – 25
(V–) + 50
V
VCM
Input common-mode
Range
VS = 9V to 40V
(V–) – 40
(V–) + 85
V
CMRR
DC
Common-mode rejection
ratio, RTO
2.7V ≤ VS < 4.5V
VCM = (V–) – 2.5V to
(V–) + 22.5V
91
dB
CMRR
DC
Common-mode rejection
ratio, RTO
4.5V ≤ VS < 9V
VCM = (V–) – 25V to
(V–) + 50V
91
dB
CMRR
DC
Common-mode rejection
ratio, RTO
9V ≤ VS ≤ 40V
VCM = (V–) – 40V to
(V–) + 85V
91
114
dB
NOISE VOLTAGE
eNI
Output voltage noise
density
VS = 40V
f = 1kHz
245
nV/√Hz
f = 10kHz
240
ENI
Output voltage noise
fB = 0.1Hz to 10Hz
13.5
µVPP
fB = 0.1Hz to 150kHz
650
µVPP
GAIN
GE
Gain error(2)
VS = 2.7V, VREF = VMID
VO = (V–) + 0.15V to
(V+) – 0.15V
±0.003
±0.05
%
Gain drift vs
temperature(2)
VS = 2.7V, VREF = VMID
TA = –40°C to 125°C
±5
ppm/°C
OUTPUT
www.ti.com
INA600
SBOSAM3A – JULY 2025 – REVISED AUGUST 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: INA600



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com