Electronic Components Datasheet Search
  English  ▼

X  

INA600B Datasheet(PDF) 1 Page - Texas Instruments

Part # INA600B
Description  INA600 Low-Power, 2.7V to 40V Attenuating Difference Amplifier With >1MΩ Input Impedance for Cost-Optimized Designs
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA600B Datasheet(HTML) 1 Page - Texas Instruments

  INA600B Datasheet HTML 1Page - Texas Instruments INA600B Datasheet HTML 2Page - Texas Instruments INA600B Datasheet HTML 3Page - Texas Instruments INA600B Datasheet HTML 4Page - Texas Instruments INA600B Datasheet HTML 5Page - Texas Instruments INA600B Datasheet HTML 6Page - Texas Instruments INA600B Datasheet HTML 7Page - Texas Instruments INA600B Datasheet HTML 8Page - Texas Instruments INA600B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
INA600 Low-Power, 2.7V to 40V Attenuating Difference Amplifier With >1MΩ Input
Impedance for Cost-Optimized Designs
1 Features
• Ultra-high input impedance: >1MΩ
• Supply range: 2.7V (±1.35V) to 40V (±20V)
• Input voltage range: (V–) – 40V to (V–) + 85V
• Precision voltage monitoring in noisy systems:
– CMRR: 100dB (typical, G = 1/5)
– Gain error: ±0.01% (typical)
– Gain drift : ±1ppm/°C (typical)
• Available gains:
– INA600A: 1/5
– INA600B: 1/10
– INA600C: 1/12
– INA600D: 1/18
– INA600E: 1/24
– INA600F: 1/36
• –3dB bandwidth: ≥200kHz
• Drives 400pF with ≤20% overshoot (typical)
• Low quiescent current: 65µA (typical)
• Specified temperature range: –40°C to +125°C
2 Applications
• Battery cell formation and test equipment
• String inverters
• EV charging station power modules
• Battery energy storage systems
• Power tools
• Industrial AC/DC
• Wearable fitness and activity monitors
+
–
RIN
V+
OUT
V─
IN─
IN+
REF
Based on gain
Based on gain
RIN
INA600 Simplified Internal Schematic
3 Description
The INA600 is a voltage-sensing difference amplifier
with precision matched resistors that offer attenuating
gain options. The precision matched integrated
resistors saves BOM costs and board space by
removing the need for precise and low tolerance
external resistors.
The INA600 offers high input impedance of >1MΩ
and low quiescent current of 65µA. The device can
handle up to –40V to +85V of input voltage, attenuate
the voltage down with great accuracy, and interface
the voltage to the low voltage ADC while rejecting
any common-mode errors such as ground bounce,
switching ripples, AC mains and so forth. The device
achieves a maximum gain error of ±0.05%, and a
maximum gain drift of 5ppm/°C along with 89dB of
minimum common-mode rejection ratio (G = 1/5).
This combination of specifications makes the INA600
a great choice for a variety of level translation,
differential to single-ended applications, including
any voltage monitoring of batteries or power rails.
The INA600 interfaces directly to low-speed, analog-
to-digital converters (ADC) and therefore is an
excellent choice for replacing discrete implementation
of difference amplifiers built with commodity amplifiers
and discrete resistors. The INA600 is offered in
standard 6-pin SOT-23 and SC70 packages.
Package Information
PART
NUMBER(1)
VERSION
PACKAGE(2)
PACKAGE SIZE(5)
INA600
A
DBV (SOT-23, 6)
2.9mm × 2.8mm
DCK (SC70, 6)(3)
2.1mm × 1.25mm
B
DBV (SOT-23, 6)
2.9mm × 2.8mm
DCK (SC70, 6)(3)
2.1mm × 1.25mm
C(4)
DBV (SOT-23, 6) (3) 2.9mm × 2.8mm
DCK (SC70, 6)(3)
2.1mm × 1.25mm
D(4)
DBV (SOT-23, 6) (3) 2.9mm × 2.8mm
DCK (SC70, 6)(3)
2.1mm × 1.25mm
E(4)
DBV (SOT-23, 6) (3) 2.9mm × 2.8mm
DCK (SC70, 6)(3)
2.1mm × 1.25mm
F
DBV (SOT-23, 6)
2.9mm × 2.8mm
DCK (SC70, 6)(3)
2.1mm × 1.25mm
(1)
See Device Comparison.
(2)
For more information, see Section 11.
(3)
This package is preview only.
(4)
This version is preview only.
(5)
The package size (length × width) is a nominal value and
includes pins, where applicable.
INA600
SBOSAM3A – JULY 2025 – REVISED AUGUST 2025
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. UNLESS OTHERWISE NOTED, this document contains PRODUCTION
DATA.


Similar Part No. - INA600B

ManufacturerPart #DatasheetDescription
logo
Isahaya Electronics Cor...
INA6001AC1 ISAHAYA-INA6001AC1 Datasheet
115Kb / 2P
FOR HIGH CURRENT DRIVE APPLICATION SILICON PNP EPITAXIAL TYPE
INA6001AP1 ISAHAYA-INA6001AP1 Datasheet
117Kb / 2P
FOR LOW FREQUENCY AMPLIFY APPLICATION SILICON PNP EPITAXIAL TYPE
INA6002AC1 ISAHAYA-INA6002AC1 Datasheet
70Kb / 3P
FOR LOW FREQUENCY AMPLIFY APPLICATION SILICON NPN EPITAXIAL TYPE
INA6005AC1 ISAHAYA-INA6005AC1 Datasheet
235Kb / 2P
FOR LOW FREQUENCY AMPLIFY APPLICATION SILICON PNP EPITAXIAL TYPE
INA6005AP1 ISAHAYA-INA6005AP1 Datasheet
118Kb / 2P
FOR LOW FREQUENCY AMPLIFY APPLICATION SILICON PNP EPITAXIAL TYPE
More results

Similar Description - INA600B

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN4272 FAIRCHILD-FAN4272 Datasheet
289Kb / 11P
Dual, Low Cost, 2.7V & 5V, Rail-to-Rail I/O Amplifier
KM4112 FAIRCHILD-KM4112 Datasheet
139Kb / 9P
70A, Low Cost, 2.7V & 5V, 7.3MHz Rail-to-Rail Amplifier
KM4200 FAIRCHILD-KM4200 Datasheet
322Kb / 11P
Dual, Low Cost, 2.7V & 5V, 260MHz Rail-to-Rail Amplifier
logo
Linear Technology
LT1187 LINER-LT1187 Datasheet
385Kb / 12P
Low Power Video Difference Amplifier
LT1189 LINER-LT1189 Datasheet
349Kb / 12P
Low Power Video Difference Amplifier
logo
Cadeka Microcircuits LL...
CLC2005 CADEKA-CLC2005 Datasheet
2Mb / 13P
Dual, Low Cost, 2.7V to 5.5V, 260MHz Rail-to-Rail Amplifier
logo
Analog Devices
AD8278 AD-AD8278 Datasheet
606Kb / 24P
Low Power, Wide Supply Range, Low Cost Difference Amplifier, G = 쩍, 2
REV. 0
logo
Cadeka Microcircuits LL...
AD8052LV CADEKA-AD8052LV Datasheet
3Mb / 14P
Low Cost, 2.7V to 5.5V, 260MHz Rail-to-Rail Amplifier
logo
Analog Devices
ADA4830-1 AD-ADA4830-1 Datasheet
458Kb / 22P
High Speed Difference Amplifier with Input
REV. C
logo
Linear Technology
LT1189 LINER-LT1189_15 Datasheet
316Kb / 12P
Low Power Video Difference Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com