Electronic Components Datasheet Search
  English  ▼

X  

ISOTMP35R Datasheet(PDF) 7 Page - Texas Instruments

Part # ISOTMP35R
Description  ISOTMP35R ±1.5°C, 5kVRMS Reinforced Isolated Temperature Sensor with Analog Output and 1.06kVRMS Working Voltage
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISOTMP35R Datasheet(HTML) 7 Page - Texas Instruments

Back Button ISOTMP35R Datasheet HTML 3Page - Texas Instruments ISOTMP35R Datasheet HTML 4Page - Texas Instruments ISOTMP35R Datasheet HTML 5Page - Texas Instruments ISOTMP35R Datasheet HTML 6Page - Texas Instruments ISOTMP35R Datasheet HTML 7Page - Texas Instruments ISOTMP35R Datasheet HTML 8Page - Texas Instruments ISOTMP35R Datasheet HTML 9Page - Texas Instruments ISOTMP35R Datasheet HTML 10Page - Texas Instruments ISOTMP35R Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
5.9 Electrical Characteristics
Over free-air temperature range and VDD = 3V to 34V (unless otherwise noted)
Typical specifications are at TA = 25°C and VDD = 3.3V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TEMPERATURE SENSOR
TERR
Temperature accuracy
TA = 25°C, VDD = 3.3V
±0.5
°C
TA = 0°C to 70°C
–1.5
1.5
TA = –40°C to 150°C
–2.5
2.5
TLTD
Long-term stability and drift(1)
300 hours at 150°C
TBD
°C
TGAIN
Sensor sensitivity (gain)
TA = –40°C to 150°C
10
mV/°C
VOUT
Output voltage
TA = 0°C
500
mV
TA = 25°C
750
TA = 30°C
800
TNL
Output nonlinearity
TA = –40°C to 150°C
–0.8
0.8
°C
tRESP_D
Thermal response time
(directional)
2-layer 62-mil Rigid PCB
2oz. Copper
T63%, TTSENSE = 25°C to
75°C
TPIN1-6 = 25°C
3.75
s
tRESP_L
Thermal response time
(stirred liquid)
0.5in × 0.5in, 2-layer 62-mil
PCB
T63%, TSTEP = 25°C to
150°C
2.01
tRESP_A
Thermal response time
(still air)
0.5in × 0.5in, 2-layer 62-mil
PCB
T63%, TSTEP = 25°C to
150°C
TBD
ANALOG OUTPUT
VOUTR
Output voltage range
TA = –40°C to 150°C
0.1
2
V
ZOUT
Output impedance
ILOAD = 0μA to 100μA, f = 0Hz to 1000Hz
90
Ω
IOUT
Operating output current
VOUT source current
100
μA
VOUT sink current
1
IOUT-SC
Output short-circuit current
limit
VOUT short-circuit source current
750
TBD
μA
VOUT short-circuit sink current
60
TBD
μA
CMTI
Common-mode transient
immunity
VDD = 5V, VCM = 750V, tPULSE = 10μs
CLOAD = 100nF, RLOAD = 15kΩ, ΔVOUT < 200mV
65.8
kV/μs
REGLI
Line regulation
3V ≤ VDD ≤ 34V
–1.2
1.2
mV/V
REGLD Load regulation
ILOAD = 0μA to 100μA
9
mV
CLOAD
Capacitive load drive
RISO = 0Ω
220
nF
RISO = 500Ω
TBD
nF
RISO = 1000Ω
TBD
nF
POWER SUPPLY
IQ
Quiescent current
TA = 25°C, VDD = 3.3V
45
65
μA
TA = –40°C to 150°C
140
μA
VON-TH
Turn-on threshold voltage
TA = –40°C to 150°C
2.1
2.8
V
VOFF-TH Turn-off threshold voltage
TA = –40°C to 150°C
1.7
2.1
V
tON
Turn-on time
CLOAD = 0pF
25
µs
PSRR
Power supply rejection ratio
TA = 25°C, VDD = 3.3V, f = 1000Hz
–75
dB
(1)
Long-term stability and drift is determined using accelerated operational life testing at a junction temperature of 150°C.
www.ti.com
ISOTMP35R
SNIS244 – SEPTEMBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: ISOTMP35R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com