Electronic Components Datasheet Search
  English  ▼

X  

ISOTMP35R Datasheet(PDF) 13 Page - Texas Instruments

Part # ISOTMP35R
Description  ISOTMP35R ±1.5°C, 5kVRMS Reinforced Isolated Temperature Sensor with Analog Output and 1.06kVRMS Working Voltage
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISOTMP35R Datasheet(HTML) 13 Page - Texas Instruments

Back Button ISOTMP35R Datasheet HTML 9Page - Texas Instruments ISOTMP35R Datasheet HTML 10Page - Texas Instruments ISOTMP35R Datasheet HTML 11Page - Texas Instruments ISOTMP35R Datasheet HTML 12Page - Texas Instruments ISOTMP35R Datasheet HTML 13Page - Texas Instruments ISOTMP35R Datasheet HTML 14Page - Texas Instruments ISOTMP35R Datasheet HTML 15Page - Texas Instruments ISOTMP35R Datasheet HTML 16Page - Texas Instruments ISOTMP35R Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
7 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
7.1 Application Information
The ISOTMP35R device offers versatile features designed for a wide range of high-voltage temperature-sensing
applications. The ISOTMP35R operates from a supply voltage as low as 3V with a typical current consumption
of only 45μA. This low-power capability makes the ISOTMP35R device well suited for battery-powered systems,
including applications where multiple cells are stacked to generate high output voltages.
7.1.1 External Buffer
In case of higher capacitance on the output or a long trace between the sensor and the ADC, an external buffer
can be added. This implementation is shown in Figure 7-1 for the signal to be a temperature voltage to be sent
through a differential pair.
+
25
25
THP210
ISOTMP35R
V
OUT
GND
GND
50
Figure 7-1. Buffered Differential Pair Data Transmission
7.1.2 ADC Interface Considerations
The ISOTMP35R device provides an analog voltage output (VOUT) that can be digitized using an external
analog-to-digital converter (ADC). To ensure accurate temperature measurements, TI recommends using an
ADC with at least 12-bit resolution. With a 2.5V reference, a 12-bit ADC provides an LSB of approximately
0.61mV, corresponding to a temperature resolution of 0.061°C per LSB. This resolution is sufficient for most
applications requiring precise temperature monitoring.
When interfacing the ISOTMP35R device with an ADC, additional circuitry is recommended to ensure signal
integrity:
• CLOAD capacitor: Stabilizes VOUT and reduces ripples caused by high-voltage transients across the isolation
barrier, and should be placed close to the ISOTMP35R VOUT pin.
• RC filter (RFILTER, CFILTER): Suppresses noise on the VOUT line and should be placed close to the ADC input.
• CFILTER capacitor: Also acts as a charge reservoir to mitigate voltage glitches during ADC sampling.
Figure 7-2 illustrates a recommended circuit for connecting the ISOTMP35R output to an ADC. This
configuration ensures accurate digitization of the ISOTMP35R output with minimal noise and transient effects.
www.ti.com
ISOTMP35R
SNIS244 – SEPTEMBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: ISOTMP35R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com