Electronic Components Datasheet Search
  English  ▼

X  

DFR0003 Datasheet(PDF) 1 Page - DFROBOT

Part # DFR0003
Description  DFRduino Mega1280 (Arduino Mega Compatible)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0003 Datasheet(HTML) 1 Page - DFROBOT

  DFR0003 Datasheet HTML 1Page - DFROBOT DFR0003 Datasheet HTML 2Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
 
 
 
DFRduino Mega1280 (Arduino Mega
Compatible)
SKU:DFR0003
 
INTRODUCTION
DFRduino Mega1280 is a microcontroller board based on the ATmega1280. It has 54 digital
input/output pins, 16 analog inputs, 4 UARTs (hardware serial ports), a 16 MHz crystal
oscillator, a USB connection, a power jack, an ICSP header, and a reset button. Because it
has bootloader, it can download programs directly from USB. There is no need to use other
external programs to burn.
It contains everything needed to support the microcontroller; simply connect it to a
computer with a USB cable or power it with an AC-to-DC adapter or battery to get started.
The 128KB FLASH space allows it to completely replace the Arduino MEGA2560 in some of
its intermediate and lightweight applications. Anyway, this is a cost-effective controller.


Similar Part No. - DFR0003

ManufacturerPart #DatasheetDescription
logo
DFROBOT
DFR0004 DFROBOT-DFR0004 Datasheet
370Kb / 13P
DFRduino Romeo‐All in one Controller V1.1(SKU:DFR0004)
DFR0008 DFROBOT-DFR0008 Datasheet
106Kb / 6P
Input Shield For Arduino SKU: DFR0008
DFR0009 DFROBOT-DFR0009 Datasheet
697Kb / 11P
LCD KeyPad Shield For Arduino SKU: DFR0009
8-3-18
More results

Similar Description - DFR0003

ManufacturerPart #DatasheetDescription
logo
Linear Technology
DC2026AFA LINER-DC2026AFA Datasheet
438Kb / 16P
Linduino One Isolated Arduino-Compatible Demonstration Board
logo
List of Unclassifed Man...
A000010 ETC2-A000010 Datasheet
675Kb / 1P
ARDUINO KIT WORKSHOP BASE WITH ARDUINO BOARD
ULCD-32-PTU-AR ETC2-ULCD-32-PTU-AR Datasheet
375Kb / 6P
Arduino Display Module Pack
logo
Linear Dimensions Semic...
DC2026C LINEAR_DIMENSIONS-DC2026C Datasheet
449Kb / 18P
Linduino One Isolated Arduino-Compatible Demonstration Board
logo
Rohm
BD1020HFV-EVK-001 ROHM-BD1020HFV-EVK-001 Datasheet
688Kb / 3P
Arduino Uno
BD7411G-EVK-001 ROHM-BD7411G-EVK-001 Datasheet
695Kb / 3P
Arduino Uno
BM1422AGMV-EVK-001 ROHM-BM1422AGMV-EVK-001 Datasheet
695Kb / 3P
Arduino Uno 1pcs
logo
SparkFun Electronics
DEV-10941 SPARKFUN-DEV-10941 Datasheet
111Kb / 2P
LilyPad Arduino SimpleSnap
11/24/2015
logo
List of Unclassifed Man...
MEGA-2560 ETC-MEGA-2560 Datasheet
919Kb / 18P
Arduino® MEGA 2560 Rev3
21/09/2022
logo
Arduino
ABX00083 ARDUINO-ABX00083 Datasheet
2Mb / 20P
Arduino® Nano ESP32
08/06/2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com