Electronic Components Datasheet Search
  English  ▼

X  

DFR0003 Datasheet(PDF) 2 Page - DFROBOT

Part # DFR0003
Description  DFRduino Mega1280 (Arduino Mega Compatible)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0003 Datasheet(HTML) 2 Page - DFROBOT

  DFR0003 Datasheet HTML 1Page - DFROBOT DFR0003 Datasheet HTML 2Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SPECIFICATION
Microcontroller: ATmega1280
Operating Voltage: 5V
Input Voltage: 3-16V (20V max)
Digital I/O Pins: 54 (of which 14 provide PWM output)
Analog Input Pins: 16 I/O
Flash: 128 KB of which 4 KB used by bootloader
SRAM: 8kb
EEPROM: 4kb
Frequency: 16MHz
SHIPPING LIST
 DFRduino Mega1280 (Arduino Mega Compatible) x1
 
 
 
 
https://www.dfrobot.com/product‐50.html/5‐28‐20 



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com