Electronic Components Datasheet Search
  English  ▼

X  

BUX48 Datasheet(PDF) 2 Page - STMicroelectronics

Part # BUX48
Description  HIGH POWER NPN SILICON TRANSISTORS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BUX48 Datasheet(HTML) 2 Page - STMicroelectronics

  BUX48 Datasheet HTML 1Page - STMicroelectronics BUX48 Datasheet HTML 2Page - STMicroelectronics BUX48 Datasheet HTML 3Page - STMicroelectronics BUX48 Datasheet HTML 4Page - STMicroelectronics BUX48 Datasheet HTML 5Page - STMicroelectronics BUX48 Datasheet HTML 6Page - STMicroelectronics BUX48 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
THERMAL DATA
TO-3
TO-218
ISOWATT218
Rthj-case
Thermal Resistance Junction-case
Max
1
1
2.2
oC/W
ELECTRICAL CHARACTERISTICS (Tcase = 25
oC unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ICES
Collector Cut-off Current
(VBE = 0)
VCE = rated VCES
VCE = rated VCES,
Tc = 125
oC
200
2
µA
mA
ICER
Collector Cut-off Current
(RBE = 10
Ω)
VCE = rated VCER
VCE = rated VCER,
Tc = 125
oC
500
4
µA
mA
IEBO
Emitter Cut-off Current
(IC = 0)
VEB = 5 V
1
mA
VCEO(SUS)
∗ Collector-Emitter Sustaining
Voltage (IB = 0)
IC = 200 mA
L= 25mH
for BUX48
for BUX48A/V48A/V48AFI
400
450
V
V
VEBO
Emitter-Base Voltage
(IC = 0)
IE = 50 mA
7
30
V
VCE(sat)
∗ Collector-Emitter Saturation
Voltage
for BUX48
IC = 10 A
IB = 2 A
IC = 15 A
IB = 4 A
IC = 15 A
IB = 3 A
for BUX48A/V48A/V48AFI
IC = 8 A
IB = 1.6 A
IC = 12 A
IB = 2.4 A
1.5
3.5
5
1.5
5
V
V
V
V
V
VBE(sat)
∗ Base-Emitter Saturation
Voltage
for BUX48
IC = 10 A
IB = 2 A
for BUX48A/V48A/V48AFI
IC = 8 A
IB = 1.6 A
1.6
1.6
V
V
∗ Pulsed: Pulse duration = 300 µs, duty cycle ≤ 2 %
RESISTIVE SWITCHING TIMES
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ton
Turn-on Time
for BUX48
VCC = 150 V
IC = 10 A
IB1 = 2 A
for BUX48A/V48A/V48AFI
VCC = 150 V
IC = 8 A
IB1 = 1.6 A
1
1
µs
µs
ts
Storage Time
for BUX48
VCC = 150 V
IC = 10 A
IB1 = - IB2 = 2 A
for BUX48A/V48A/V48AFI
VCC = 150 V
IC = 8 A
IB1 = - IB2 = 1.6 A
3
3
µs
µs
tf
Fall Time
for BUX48
VCC = 150 V
IC = 10 A
IB1 = - IB2 = 2 A
for BUX48A/V48A/V48AFI
VCC = 150 V
IC = 8 A
IB1 = - IB2 = 1.6 A
0.8
0.8
µs
µs
BUX48 / BUX48A / BUV48A / BUV48AFI
2/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com