Electronic Components Datasheet Search
  English  ▼

X  

BUX48 Datasheet(PDF) 3 Page - STMicroelectronics

Part # BUX48
Description  HIGH POWER NPN SILICON TRANSISTORS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BUX48 Datasheet(HTML) 3 Page - STMicroelectronics

  BUX48 Datasheet HTML 1Page - STMicroelectronics BUX48 Datasheet HTML 2Page - STMicroelectronics BUX48 Datasheet HTML 3Page - STMicroelectronics BUX48 Datasheet HTML 4Page - STMicroelectronics BUX48 Datasheet HTML 5Page - STMicroelectronics BUX48 Datasheet HTML 6Page - STMicroelectronics BUX48 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
INDUCTIVE SWITCHING TIMES
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ts
Storage Time
for BUX48
VCC = 300 V
IC = 10 A
LB = 3
µH
VBE = -5 V
IB1 = 2 A
same conditions at Tc = 125
oC
for BUX48A/V48A/V48AFI
VCC = 300 V
IC = 8 A
LB = 3
µH
VBE = -5 V
IB1 = 1.6 A
same conditions at Tc = 125
oC
2.7
3
5
5
µs
µs
µs
µs
tf
Fall Time
for BUX48
VCC = 300 V
IC = 10 A
LB = 3
µH
VBE = -5 V
IB1 = 2 A
same conditions at Tc = 125
oC
for BUX48A/V48A/V48AFI
VCC = 300 V
IC = 8 A
LB = 3
µH
VBE = -5 V
IB1 = 1.6 A
same conditions at Tc = 125
oC
0.16
0.13
0.4
0.4
µs
µs
µs
µs
BUX48 / BUX48A / BUV48A / BUV48AFI
3/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com