Electronic Components Datasheet Search
  English  ▼

X  

ADUM5028 Datasheet(PDF) 21 Page - Analog Devices

Part # ADUM5028
Description  Low Emission, 5 kV Isolated DC-to-DC Converters
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUM5028 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADUM5028 Datasheet HTML 14Page - Analog Devices ADUM5028 Datasheet HTML 15Page - Analog Devices ADUM5028 Datasheet HTML 16Page - Analog Devices ADUM5028 Datasheet HTML 17Page - Analog Devices ADUM5028 Datasheet HTML 18Page - Analog Devices ADUM5028 Datasheet HTML 19Page - Analog Devices ADUM5028 Datasheet HTML 20Page - Analog Devices ADUM5028 Datasheet HTML 21Page - Analog Devices ADUM5028 Datasheet HTML 22Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
Data Sheet
ADuM6020/ADuM6028
OUTLINE DIMENSIONS
analog.com
Rev. D | 21 of 22
Figure 28. 16-Lead Standard Small Outline Package, with Increased Creepage [SOIC_IC]
Wide Body
(RI-16-2)
Dimensions shown in millimeters
Figure 29. 8-Lead Standard Small Outline Package, with Increased Creepage [SOIC_IC]
Wide Body
(RI-8-1)
Dimensions shown in millimeters
Updated: December 21, 2022
ORDERING GUIDE
Model1
Temperature Range
Package Description
Packing Quantity
Package
Option
ADUM6020-3BRIZ
-40°C to +125°C
16-Lead SOIC (Increased Creepage)
RI-16-2
ADUM6020-3BRIZ-RL
-40°C to +125°C
16-Lead SOIC (Increased Creepage)
Reel, 1000
RI-16-2
ADUM6020-3WBRIZ
-40°C to +125°C
16-Lead SOIC (Increased Creepage)
RI-16-2
ADUM6020-3WBRIZ-RL
-40°C to +125°C
16-Lead SOIC (Increased Creepage)
Reel, 1000
RI-16-2
ADUM6020-5BRIZ
-40°C to +125°C
16-Lead SOIC (Increased Creepage)
RI-16-2
ADUM6020-5BRIZ-RL
-40°C to +125°C
16-Lead SOIC (Increased Creepage)
Reel, 1000
RI-16-2
ADUM6020-5WBRIZ
-40°C to +125°C
16-Lead SOIC (Increased Creepage)
RI-16-2
ADUM6020-5WBRIZ-RL
-40°C to +125°C
16-Lead SOIC (Increased Creepage)
Reel, 1000
RI-16-2
ADUM6028-3BRIZ
-40°C to +125°C
8-Lead SOIC (Increased Creepage)
RI-8-1
ADUM6028-3BRIZ-RL
-40°C to +125°C
8-Lead SOIC (Increased Creepage)
Reel, 1500
RI-8-1
ADUM6028-3WBRIZ
-40°C to +125°C
8-Lead SOIC (Increased Creepage)
RI-8-1
ADUM6028-3WBRIZ-RL
-40°C to +125°C
8-Lead SOIC (Increased Creepage)
Reel, 1500
RI-8-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com