Electronic Components Datasheet Search
  English  ▼

X  

ADUM5028 Datasheet(PDF) 3 Page - Analog Devices

Part # ADUM5028
Description  Low Emission, 5 kV Isolated DC-to-DC Converters
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUM5028 Datasheet(HTML) 3 Page - Analog Devices

  ADUM5028 Datasheet HTML 1Page - Analog Devices ADUM5028 Datasheet HTML 2Page - Analog Devices ADUM5028 Datasheet HTML 3Page - Analog Devices ADUM5028 Datasheet HTML 4Page - Analog Devices ADUM5028 Datasheet HTML 5Page - Analog Devices ADUM5028 Datasheet HTML 6Page - Analog Devices ADUM5028 Datasheet HTML 7Page - Analog Devices ADUM5028 Datasheet HTML 8Page - Analog Devices ADUM5028 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
Data Sheet
ADuM6020/ADuM6028
SPECIFICATIONS
analog.com
Rev. D | 3 of 22
ELECTRICAL CHARACTERISTICS—5 V PRIMARY INPUT SUPPLY/5 V SECONDARY ISOLATED
SUPPLY
All typical specifications are at TA = 25°C, VDDP = VISO = 5 V. Minimum and maximum specifications apply over the entire recommended
operation range, which is 4.5 V ≤ VDDP ≤ 5.5 V, 4.5 V ≤ VISO ≤ 5.5 V, and −40°C ≤ TA ≤ +125°C, unless otherwise noted.
Table 1. ADuM6020-5BRIZ DC-to-DC Converter Static Specifications
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
DC-TO-DC CONVERTER SUPPLY
Setpoint
VISO
4.75
5.0
5.25
V
VISO output current (IISO) = 10 mA
Line Regulation
VISO (LINE)
2
mV/V
IISO = 50 mA, VDDP = 4.5 V to 5.5 V
Load Regulation1
VISO (LOAD)
1
5
%
IISO = 10 mA to 90 mA
Output Ripple1
VISO (RIP)
75
mV p-p
20 MHz bandwidth, bypass output capacitance (CBO) = 0.1 µF||10
µF, IISO = 90 mA
Output Noise1
VISO (NOISE)
200
mV p-p
CBO = 0.1 µF||10 µF, IISO = 90 mA
Switching Frequency
fOSC
180
MHz
Pulse-Width Modulation (PWM) Frequency
fPWM
625
kHz
Output Supply Current1
IISO (MAX)
50
mA
4.75 V < VISO < 5.25 V
100
mA
4.5 V < VISO < 5.25 V
Efficiency at IISO (MAX)
33
%
IISO = 100 mA, TA = 25°C
VDDP Supply Current
No VISO Load
IDDP (Q)
8
25
mA
Full VISO Load
IDDP (MAX)
310
mA
Undervoltage Lockout
VDDP
Rising Threshold
3.6
4.1
4.4
V
Falling Threshold
2.8
3.3
4.2
V
VISO
Rising Threshold
5.1
V
Falling Threshold
2.48
V
Thermal Shutdown
Shutdown Temperature
154
°C
Thermal Hysteresis
10
°C
1 Maximum VISO output current is derated by 1.75 mA/ºC for TA > 85ºC.
Table 2. ADuM6028-5BRIZ DC-to-DC Converter Static Specifications
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
DC-TO-DC CONVERTER SUPPLY
Setpoint
VISO
4.75
5.0
5.25
V
IISO = 10 mA
Line Regulation
VISO (LINE)
2
mV/V
IISO = 30 mA, VDDP = 4.5 V to 5.5 V
Load Regulation1
VISO (LOAD)
1
5
%
IISO = 6 mA to 54 mA
Output Ripple1
VISO (RIP)
75
mV p-p
20 MHz bandwidth, CBO = 0.1 µF||10 µF, IISO = 54 mA
Output Noise1
VISO (NOISE)
200
mV p-p
CBO = 0.1 µF||10 µF, IISO = 54 mA
Switching Frequency
fOSC
180
MHz
PWM Frequency
fPWM
625
kHz
Output Supply Current1
IISO (MAX)
60
mA
4.75 V < VISO < 5.25 V
Efficiency at IISO (MAX)
33
%
IISO = 60 mA, TA = 25°C
VDDP Supply Current
No VISO Load
IDDP (Q)
8
25
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com