Electronic Components Datasheet Search
  English  ▼

X  

REF3020 Datasheet(PDF) 18 Page - Texas Instruments

Part # REF3020
Description  REF30E and REF30, Low Current Voltage Reference in SOT-23-3
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

REF3020 Datasheet(HTML) 18 Page - Texas Instruments

Back Button REF3020 Datasheet HTML 14Page - Texas Instruments REF3020 Datasheet HTML 15Page - Texas Instruments REF3020 Datasheet HTML 16Page - Texas Instruments REF3020 Datasheet HTML 17Page - Texas Instruments REF3020 Datasheet HTML 18Page - Texas Instruments REF3020 Datasheet HTML 19Page - Texas Instruments REF3020 Datasheet HTML 20Page - Texas Instruments REF3020 Datasheet HTML 21Page - Texas Instruments REF3020 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
7.4 Device Functional Modes
7.4.1 Negative Reference Voltage
For applications requiring a negative and positive reference voltage, the OPA703 and REF30 can be used
to provide a dual-supply reference from a ±5V supply. Figure 7-3 shows the REF3025 used to provide a
±2.5V supply reference voltage. The low offset voltage and low drift of the OPA703 complement the low drift
performance of the REF30 to provide an accurate resolution for split-supply applications.
OPA703
REF3025
+5 V
-5 V
+5V
10 kW
10 kW
+2.5 V
-2.5 V
Copyright © 2016, Texas Instruments Incorporated
Figure 7-3. REF3025 Combined With OPA703 to Create Positive and Negative Reference Voltages.
REF30, REF30E
SBVS032J – MARCH 2002 – REVISED JULY 2025
www.ti.com
18
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: REF30 REF30E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com