Electronic Components Datasheet Search
  English  ▼

X  

REF3020 Datasheet(PDF) 21 Page - Texas Instruments

Part # REF3020
Description  REF30E and REF30, Low Current Voltage Reference in SOT-23-3
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

REF3020 Datasheet(HTML) 21 Page - Texas Instruments

Back Button REF3020 Datasheet HTML 17Page - Texas Instruments REF3020 Datasheet HTML 18Page - Texas Instruments REF3020 Datasheet HTML 19Page - Texas Instruments REF3020 Datasheet HTML 20Page - Texas Instruments REF3020 Datasheet HTML 21Page - Texas Instruments REF3020 Datasheet HTML 22Page - Texas Instruments REF3020 Datasheet HTML 23Page - Texas Instruments REF3020 Datasheet HTML 24Page - Texas Instruments REF3020 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
8.2.1 Design Requirements
• Supply Voltage: 3.3V
• Maximum Input Voltage: ±6V
• Specified Input Voltage: ±5V
• ADC Reference Voltage: 1.25V
The goal for this design is to accurately condition a ±5V bipolar input voltage into a voltage that works for
conversion by a low-voltage ADC with a 1.25V reference voltage, VREF, and an input voltage range of VREF/2.
The circuit can function with reduced performance over a wider input range of at least ±6V to allow for easier
protection of overvoltage conditions.
8.2.2 Detailed Design Procedure
Figure 8-2 depicts a simplified schematic for this design showing the MSP430 ADC inputs and full input
conditioning circuitry. The ADC is configured for a bipolar measurement where final conversion result is the
differential voltage between the voltage at the positive and negative ADC inputs. The bipolar, GND-referenced
input signal must be level-shifted and attenuated by the op amp so that the output is biased to VREF/2 and has a
differential voltage that is within the ±VREF/2 input range of the ADC.
8.2.3 Application Curves
0
0.25
0.5
0.75
1
1.25
±6
±5
±4
±3
±2
±1
0
1
2
3
4
5
6
Input Voltage (V)
C001
Figure 8-3. OPA317 Output Voltage vs Input
Voltage
-0.00035
-0.0003
-0.00025
-0.0002
-0.00015
-0.0001
±6
±5
±4
±3
±2
±1
0
1
2
3
4
5
6
Input Voltage (V)
C00
Figure 8-4. OPA317 Output Voltage Error vs Input
Voltage
±200
±150
±100
±50
0
50
100
150
±6
±5
±4
±3
±2
±1
0
1
2
3
4
5
6
Input Voltage (V)
C003
Figure 8-5. Output Code Error vs Input Voltage
www.ti.com
REF30, REF30E
SBVS032J – MARCH 2002 – REVISED JULY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: REF30 REF30E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com