Electronic Components Datasheet Search
  English  ▼

X  

TSD36 Datasheet(PDF) 5 Page - Texas Instruments

Part # TSD36
Description  TSDxx-Q1 Unidirectional TVS Diodes for Automotive Applications in SOD-323 Package
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TSD36 Datasheet(HTML) 5 Page - Texas Instruments

  TSD36 Datasheet HTML 1Page - Texas Instruments TSD36 Datasheet HTML 2Page - Texas Instruments TSD36 Datasheet HTML 3Page - Texas Instruments TSD36 Datasheet HTML 4Page - Texas Instruments TSD36 Datasheet HTML 5Page - Texas Instruments TSD36 Datasheet HTML 6Page - Texas Instruments TSD36 Datasheet HTML 7Page - Texas Instruments TSD36 Datasheet HTML 8Page - Texas Instruments TSD36 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
5.6 Thermal Information
THERMAL METRIC (1)
TSD12-Q1 / TSD15-Q1 / TSD18-Q1 / TSD24-Q1 /
TSD36-Q1
UNIT
DYF (SOD-323)
2 PINS
RθJA
Junction-to-ambient thermal resistance
693.9
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
254.7
°C/W
RθJB
Junction-to-board thermal resistance
566.6
°C/W
ΨJT
Junction-to-top characterization parameter
78.6
°C/W
ΨJB
Junction-to-board characterization parameter
552.3
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
5.7 Electrical Characteristics - TSD12-Q1
At TA=25℃ (unless otherwise noted) (1)
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
VRWM
Reverse stand-off
voltage
IIO <50nA, across operating temperature range
12
V
VBR
Breakdown voltage
IIO = 10mA, IO to GND
12.7
V
ILEAK
Reverse leakage
current
VIO = 12V, IO to GND
2
20
nA
VFWD
Forward voltage
IIO = 1mA, GND to IO
0.7
V
VCLAMP
Surge clamping voltage,
tp = 8/20µs (2)
IPP = 1A, IO to GND
18
V
IPP = 5A, IO to GND
19
V
IPP = 18A, IO to GND
23
V
IPP = 18A, GND to IO
8
V
TLP clamping
voltage, tp = 100ns
IPP = 16A, IO to GND
17
V
IPP =16A, GND to IO
3
V
CL
Line capacitance
VIO = 0V; ƒ = 1MHz, IO to GND
12
pF
(1)
Typical parameters are measured at 25
℃
(2)
Nonrepetitive current pulse 8 to 20µs exponentially decaying waveform according to IEC 61000-4-5
5.8 Electrical Characteristics - TSD15-Q1
At TA=25℃ (unless otherwise noted) (1)
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
VRWM
Reverse stand-off
voltage
IIO <50nA, across operating temperature range
15
V
VBR
Breakdown voltage
IIO = 10mA, IO to GND
18.3
V
ILEAK
Reverse leakage
current
VIO = 15V, IO to GND
2
20
nA
VFWD
Forward voltage
IIO = 10mA, GND to IO
0.7
V
VCLAMP
Surge clamping voltage,
tp = 8/20µs (2)
IPP = 1A, IO to GND
25
V
IPP = 5A, IO to GND
26
V
IPP = 15A, IO to GND
31
V
IPP = 15A, GND to IO
7
V
TLP clamping
voltage, tp = 100ns
IPP = 16A, IO to GND
23
V
IPP =16A, GND to IO
3
V
www.ti.com
TSD12-Q1, TSD15-Q1, TSD18-Q1, TSD24-Q1, TSD36-Q1
SLVSHX1 – JUNE 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: TSD12-Q1 TSD15-Q1 TSD18-Q1 TSD24-Q1 TSD36-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com