Electronic Components Datasheet Search
  English  ▼

X  

TSD36 Datasheet(PDF) 8 Page - Texas Instruments

Part # TSD36
Description  TSDxx-Q1 Unidirectional TVS Diodes for Automotive Applications in SOD-323 Package
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TSD36 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TSD36 Datasheet HTML 4Page - Texas Instruments TSD36 Datasheet HTML 5Page - Texas Instruments TSD36 Datasheet HTML 6Page - Texas Instruments TSD36 Datasheet HTML 7Page - Texas Instruments TSD36 Datasheet HTML 8Page - Texas Instruments TSD36 Datasheet HTML 9Page - Texas Instruments TSD36 Datasheet HTML 10Page - Texas Instruments TSD36 Datasheet HTML 11Page - Texas Instruments TSD36 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
5.12 Typical Characteristics
Voltage (V)
0
2
4
6
8
10
12
14
16
18
20
-4
0
4
8
12
16
20
24
28
32
Figure 5-1. Positive TLP Curve - TSD12-Q1
Voltage (V)
0
4
8
12
16
20
24
28
-4
0
4
8
12
16
20
24
28
32
Figure 5-2. Positive TLP Curve - TSD15-Q1
Voltage (V)
0
4
8
12
16
20
24
28
-4
0
4
8
12
16
20
24
28
32
Figure 5-3. Positive TLP Curve - TSD18-Q1
Voltage (V)
0
5
10
15
20
25
30
35
-4
0
4
8
12
16
20
24
28
32
Figure 5-4. Positive TLP Curve - TSD24-Q1
Voltage (V)
0
5
10
15
20
25
30
35
40
45
50
55
60
-4
0
4
8
12
16
20
24
28
32
Figure 5-5. Positive TLP Curve - TSD36-Q1
Bias Voltage (V)
0
5
10
15
20
25
30
35
40
4
6
8
10
12
TSD12-Q1
TSD15-Q1/TSD18-Q1
TSD24-Q1
TSD36-Q1
Figure 5-6. Capacitance vs Bias Voltage
TSD12-Q1, TSD15-Q1, TSD18-Q1, TSD24-Q1, TSD36-Q1
SLVSHX1 – JUNE 2025
www.ti.com
8
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TSD12-Q1 TSD15-Q1 TSD18-Q1 TSD24-Q1 TSD36-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com