Electronic Components Datasheet Search
  English  ▼

X  

74LVC1G32 Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part # 74LVC1G32
Description  Single 2-input OR gate
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC1G32 Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  74LVC1G32 Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74LVC1G32 Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74LVC1G32 Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74LVC1G32 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74LVC1G32 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LVC1G32 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVC1G32 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC1G32 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC1G32 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
74LVC1G32
Single 2-input OR gate
Rev. 16.1 — 3 September 2024
Product data sheet
1. General description
The 74LVC1G32 is a single 2-input OR gate. Inputs can be driven from either 3.3 V or 5 V devices.
This feature allows the use of these devices as translators in mixed 3.3 V and 5 V environments.
Schmitt-trigger action at all inputs makes the circuit tolerant of slower input rise and fall times. This
device is fully specified for partial power down applications using IOFF. The IOFF circuitry disables
the output, preventing the potentially damaging backflow current through the device when it is
powered down.
2. Features and benefits
• Wide supply voltage range from 1.65 V to 5.5 V
• Overvoltage tolerant inputs to 5.5 V
• High noise immunity
• CMOS low power dissipation
• IOFF circuitry provides partial Power-down mode operation
• ±24 mA output drive (VCC = 3.0 V)
• Latch-up performance exceeds 250 mA
• Direct interface with TTL levels
• Complies with JEDEC standard:
• JESD8-7 (1.65 V to 1.95 V)
• JESD8-5 (2.3 V to 2.7 V)
• JESD8-B/JESD36 (2.7 V to 3.6 V)
• ESD protection:
• HBM: ANSI/ESDA/JEDEC JS-001 class 2 exceeds 2000 V
• CDM: ANSI/ESDA/JEDEC JS-002 class C3 exceeds 1000 V
• Multiple package options
• Specified from -40 °C to +85 °C and -40 °C to +125 °C.


Similar Part No. - 74LVC1G32

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74LVC1G32 TI-74LVC1G32 Datasheet
444Kb / 17P
SINGLE 2-INPUT POSITIVE-OR GATE
logo
Panasonic Semiconductor
74LVC1G32 PANASONIC-74LVC1G32 Datasheet
84Kb / 14P
Single 2-input OR gate
logo
NXP Semiconductors
74LVC1G32 NXP-74LVC1G32 Datasheet
79Kb / 14P
Single 2-input OR gate
Rev. 06-2 August 2007
logo
Diodes Incorporated
74LVC1G32 DIODES-74LVC1G32 Datasheet
245Kb / 14P
SINGLE 2 INPUT POSITIVE OR GATE
DS32200 Rev. 2 - 2
74LVC1G32 DIODES-74LVC1G32 Datasheet
219Kb / 12P
SINGLE 2 INPUT POSITIVE OR GATE
Rev 6
More results

Similar Description - 74LVC1G32

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC1G32 ONSEMI-MC74HC1G32 Datasheet
93Kb / 8P
Single 2-Input OR Gate
September, 2001 ??Rev. 7
NL17SV32-D ONSEMI-NL17SV32-D Datasheet
41Kb / 6P
Single Gate 2-Input OR Gate
January, 2005 ??Rev. 1
NL17SV32XV5T2 ONSEMI-NL17SV32XV5T2 Datasheet
51Kb / 6P
Single Gate 2-Input OR Gate
January, 2005 ??Rev. 1
logo
NXP Semiconductors
74AUC1G32 PHILIPS-74AUC1G32 Datasheet
146Kb / 12P
Single 2-input OR gate
2001 Nov 30
logo
Unisonic Technologies
U74AUP1G86 UTC-U74AUP1G86_15 Datasheet
229Kb / 5P
SINGLE 2-INPUT OR GATE
U74LVC1G86 UTC-U74LVC1G86_15 Datasheet
214Kb / 6P
SINGLE 2-INPUT OR GATE
logo
ON Semiconductor
NLV17SZ86 ONSEMI-NLV17SZ86 Datasheet
71Kb / 5P
Single 2-Input OR Gate
November, 2015 ??Rev. 0
logo
Rohm
BU4S71G2 ROHM-BU4S71G2_15 Datasheet
1Mb / 16P
Single 2-Input OR Gate
logo
ON Semiconductor
MC74HC1G32 ONSEMI-MC74HC1G32_16 Datasheet
81Kb / 6P
Single 2-Input OR Gate
February, 2016 ??Rev. 14
logo
Nexperia B.V. All right...
74LVC1G32-Q100 NEXPERIA-74LVC1G32-Q100 Datasheet
217Kb / 12P
Single 2-input OR gate
Rev. 6 - 18 January 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com