Electronic Components Datasheet Search
  English  ▼

X  

74LVC1G32 Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # 74LVC1G32
Description  Single 2-input OR gate
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC1G32 Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  74LVC1G32 Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74LVC1G32 Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74LVC1G32 Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74LVC1G32 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74LVC1G32 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LVC1G32 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVC1G32 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC1G32 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC1G32 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
Nexperia
74LVC1G32
Single 2-input OR gate
3. Ordering information
Table 1. Ordering information
Package
Type number
Temperature range Name
Description
Version
74LVC1G32GW
-40 °C to +125 °C
TSSOP5 plastic thin shrink small outline package; 5 leads;
body width 1.25 mm
SOT353-1
74LVC1G32GV
-40 °C to +125 °C
SC-74A
plastic surface-mounted package; 5 leads
SOT753
74LVC1G32GM
-40 °C to +125 °C
XSON6
plastic extremely thin small outline package; no leads;
6 terminals; body 1 × 1.45 × 0.5 mm
SOT886
74LVC1G32GN
-40 °C to +125 °C
XSON6
extremely thin small outline package; no leads;
6 terminals; body 0.9 × 1.0 × 0.35 mm
SOT1115
74LVC1G32GS
-40 °C to +125 °C
XSON6
extremely thin small outline package; no leads;
6 terminals; body 1.0 × 1.0 × 0.35 mm
SOT1202
74LVC1G32GX
-40 °C to +125 °C
X2SON5 plastic thermal enhanced extremely thin
small outline package; no leads; 5 terminals;
body 0.8 × 0.8 × 0.32 mm
SOT1226-3
74LVC1G32GZ
-40 °C to +125 °C
XSON5
plastic thermal enhanced extremely thin small outline
package with side-wettable flanks (SWF); no leads;
5 terminals; body 1.1 × 0.85 × 0.5 mm
SOT8065-1
4. Marking
Table 2. Marking
Type number
Marking code [1]
74LVC1G32GW
VG
74LVC1G32GV
V32
74LVC1G32GM
VG
74LVC1G32GN
VG
74LVC1G32GS
VG
74LVC1G32GX
VG
74LVC1G32GZ
VG
[1] The pin 1 indicator is located on the lower left corner of the device, below the marking code.
5. Functional diagram
mna164
B
A
Y
2
1
4
Fig. 1. Logic symbol
mna165
4
≥1
2
1
Fig. 2. IEC logic symbol
mna166
B
A
Y
Fig. 3. Logic diagram
74LVC1G32
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2024. All rights reserved
Product data sheet
Rev. 16.1 — 3 September 2024
2 / 17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com