Electronic Components Datasheet Search
  English  ▼

X  

CP2014 Datasheet(PDF) 1 Page - nVent Electric plc

Part # CP2014
Description  Wall-Mount Cabinets PROTEK Single-Door and Double-Hinged Cabinets
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NVENT [nVent Electric plc]
Direct Link  https://www.nvent.com/en-us/
Logo NVENT - nVent Electric plc

CP2014 Datasheet(HTML) 1 Page - nVent Electric plc

  CP2014 Datasheet HTML 1Page - nVent Electric plc CP2014 Datasheet HTML 2Page - nVent Electric plc CP2014 Datasheet HTML 3Page - nVent Electric plc CP2014 Datasheet HTML 4Page - nVent Electric plc CP2014 Datasheet HTML 5Page - nVent Electric plc CP2014 Datasheet HTML 6Page - nVent Electric plc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Wall-Mount Cabinets PROTEK SinglE-DOOR anD DOublE-HingED CabinETS
nVent.com/HOFFMAN
SUBJECT TO CHANGE WITHOUT NOTICE
netWorking
1
Spec-00712 I
Spec-00712
Protek single-Door, ul anD neMa tyPe 4, 12
inDustry stanDarDs
UL 508A Listed; File Number E61997
cUL Listed per CSA C22.2 No. 94; File Number E61997
Solid Door: Type 4 and 12
Window Door: Type 12
Solid Door, Stainless Steel: Type 4, 4X and 12
NEMA / EEMAC: Type 4, 4X or 12
IEC 60529, IP66 or IP55, IK 10
aPPliCation
PROTEK Single-Door cabinets are an excellent, off-the-shelf
choice for mounting 19-in. rack, panel-mounted devices or other
electronic equipment. The cabinets are designed to provide both
front and rear access to 19-in. rack-mounted equipment, while also
ensuring protection against water, dirt, corrosive agents and other
contaminants. PROTEK is an excellent choice for applications where
space is at a premium and the only option is wall mounting. PROTEK
comes in a broad range of sizes, materials and configurations to
meet many demanding applications.
Features
•
Solid-door cabinet provides complete physical and visual
protection
•
Window door, made of scratch-resistant safety glass, provides
visual monitoring of internal equipment while maintaining
equipment protection
•
All seams are fully welded and ground smooth
•
Doors are provided with ground studs to facilitate proper bonding
and grounding of the cabinet
•
Premium seamless, foam-in-place gasket prevents
contaminants from entering the cabinet
•
Keylocking wing knob is included on painted steel offering,
providing access control to the cabinet; two keys are included
with each cabinet
•
Stainless steel cabinet is provided with a quarter-turn slotted
latch
•
One set of plated, self-grounding, tapped 10-32 rack angles per
EIA universal spacing standards, which can be adjusted front-
to-back, is provided with each center section of the cabinet;
additional tapped- or square-hole rack angles can be added to
the cabinet to provide additional mounting
•
Wall section welded panel studs which accommodate standard
panels (steel and wood available), can be ordered separately
sPeCiFiCations
•
Doors and body made of 14 gauge steel
•
Stainless steel enclosures made from Type 304 stainless steel
•
Window made of .25-in. thick, scratch- and impact-resistant
safety glass
•
Rack angles made of plated 12 gauge steel
•
M6 ground studs on the door and body are masked from paint
•
Twenty 10-32 screws included with cabinet
•
Foam-in-place gasket made of durable polyurethane
FinisH
•
Pretreated steel coated with RAL 7035 light-gray, low-gloss,
lightly textured polyester powder paint
•
Stainless steel is provided with a smooth-grain finish
loaD rating
Height Maximum load rating
24 in.
200 lb./90.7 kg
36 in.
300 lb./136.1 kg
48 in.
400 lb./181.4 kg
aCCessories
Locks and handles
Panels (steel and wood)
Grounding kits
Power Distribution Units (PDUs)
Rack angles
Bulletin: DWS12
Technical Operating Information AC Unit (T150116G100)
  replacement Filter no. 10100091
Hz
Voltage VAC
Phase
BTU/Hr @ Max. Ambient Temp. (watts)
Full Load Amp
Max. Ambient Temp. (ºF)
Max. Ambient Temp. (ºC)
Cord and Plug
60 (50)
115
1
800 (325 watts)
3.6 (3.8)
131 (125)
52 (52)
25-in. cord length 5-15 plug


Similar Part No. - CP2014

ManufacturerPart #DatasheetDescription
logo
CUI INC
CP20147H CUI-CP20147H Datasheet
553Kb / 6P
PELTIER MODULE
CP20147H CUI-CP20147H Datasheet
554Kb / 6P
PELTIER MODULE
CP20147H CUI-CP20147H Datasheet
954Kb / 8P
PELTIER MODULE
11/09/2020
logo
CUI Devices
CP20147H CUID-CP20147H Datasheet
998Kb / 8P
PELTIER MODULE
08/05/2022
More results

Similar Description - CP2014

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SRWCOMBO TRIPPLITE-SRWCOMBO Datasheet
175Kb / 2P
Replacement Combination Lock for SmartRack Wall-Mount Server Rack Cabinets - Front Door
logo
Littelfuse
00940324ZXPG LITTELFUSE-00940324ZXPG Datasheet
215Kb / 1P
Fuse displays and cabinets
Rev: 011113
logo
Kendall Howard
1932-3-001-12 KENDALLHOWARD-1932-3-001-12 Datasheet
1,005Kb / 2P
COMPACT SERIES SOHO SERVER CABINETS
3130-3-001-06 KENDALLHOWARD-3130-3-001-06 Datasheet
474Kb / 1P
LINIER SWING OUT WALL MOUNT CABINETS
3140-3-001-06 KENDALLHOWARD-3140-3-001-06 Datasheet
3Mb / 2P
LINIER® FIXED WALL MOUNT CABINETS
3140-3-001-09- KENDALLHOWARD-3140-3-001-09- Datasheet
3Mb / 2P
LINIER® FIXED WALL MOUNT CABINETS
3141-3-001-06 KENDALLHOWARD-3141-3-001-06 Datasheet
3Mb / 2P
LINIER® FIXED WALL MOUNT CABINETS
3141-3-001-09 KENDALLHOWARD-3141-3-001-09 Datasheet
3Mb / 2P
LINIER® FIXED WALL MOUNT CABINETS
3142-3-001-06 KENDALLHOWARD-3142-3-001-06 Datasheet
3Mb / 2P
LINIER® FIXED WALL MOUNT CABINETS
3142-3-001-09 KENDALLHOWARD-3142-3-001-09 Datasheet
3Mb / 2P
LINIER® FIXED WALL MOUNT CABINETS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com