Electronic Components Datasheet Search
  English  ▼

X  

CP2014 Datasheet(PDF) 5 Page - nVent Electric plc

Part # CP2014
Description  Wall-Mount Cabinets PROTEK Single-Door and Double-Hinged Cabinets
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NVENT [nVent Electric plc]
Direct Link  https://www.nvent.com/en-us/
Logo NVENT - nVent Electric plc

CP2014 Datasheet(HTML) 5 Page - nVent Electric plc

  CP2014 Datasheet HTML 1Page - nVent Electric plc CP2014 Datasheet HTML 2Page - nVent Electric plc CP2014 Datasheet HTML 3Page - nVent Electric plc CP2014 Datasheet HTML 4Page - nVent Electric plc CP2014 Datasheet HTML 5Page - nVent Electric plc CP2014 Datasheet HTML 6Page - nVent Electric plc  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Wall-Mount Cabinets PROTEK SinglE-DOOR anD DOublE-HingED CabinETS
nVent.com/HOFFMAN
SUBJECT TO CHANGE WITHOUT NOTICE
netWorking
5
Spec-00712 I
Cooling PerForManCe For air ConDitioner
PaCkages
Protek air Conditioner calculated cooling performance
aC Performance: 800 BTU/hour or 235 watts
Voltage / Hertz: 115 VAC/60 Hz
Max. ambient temperature: 131 F
Min. ambient temperature: -40 F
Max. internal temperature: 100 F (Allowable)
Cooling Performance
  Protek air Conditioner Packages
Ambient
Temperature (°F)
Watts (Heat) Dissipated
Cabinet Height: 24 in.
Watts (Heat) Dissipated
Cabinet Height: 36 in.
Watts (Heat) Dissipated
Cabinet Height: 48 in.
130
15
N/A
N/A
120
88
73
59
110
161
154
146
100
234
234
234
90
308
315
322
80
381
396
410
70
454
476
498
60
527
557
586
50
601
637
674
40
674
718
762
N/A = Not applicable and not recommended in these applications
1 BTU = 3.413 watts



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com