Electronic Components Datasheet Search
  English  ▼

X  

DFR0233 Datasheet(PDF) 4 Page - DFROBOT

Part # DFR0233
Description  RS485 Sensor Node V1.0 (SKU:DFR0233)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0233 Datasheet(HTML) 4 Page - DFROBOT

  DFR0233 Datasheet HTML 1Page - DFROBOT DFR0233 Datasheet HTML 2Page - DFROBOT DFR0233 Datasheet HTML 3Page - DFROBOT DFR0233 Datasheet HTML 4Page - DFROBOT DFR0233 Datasheet HTML 5Page - DFROBOT DFR0233 Datasheet HTML 6Page - DFROBOT DFR0233 Datasheet HTML 7Page - DFROBOT DFR0233 Datasheet HTML 8Page - DFROBOT DFR0233 Datasheet HTML 9Page - DFROBOT Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Command:
Word Head
Device Address
Frame Length
Command Word
Checksum
0x55 0xAA
0x11
0x00
0x21
SUM
This command will check all data of current device.There are 10 register data totally.A register data
is 16 digit,consisting of 8 high digit and 8 low digit.
Return the following:
Content Order
Register Illustration
Register Data
Register Range
1
manually/automatically set address status 0x00 0x01 1 for automatic; 0 for manual
2
Humidity Measurement
0x00 0x02
0.0 to 100.0%(RH)
3
Temperature Measurement
0x00 0x03
-40.0 to 128.0( )
4
SHT1X error status
0x00 0x04
1 for error; 0 for normal
5
Analog Measurement 1
0x00 0x05
0 to 1023
6
Analog Measurement 2
0x00 0x06
0 to 1023
7
Analog Measurement 3
0x00 0x07
0 to 1023
8
Analog Measurement 4
0x00 0x08
0 to 1023
9
Analog Measurement 5
0x00 0x09
0 to 1023
10
Analog Measurement 6
0x00 0x10
0 to 1023
Instruction Description: content value consists of 2 byte; 0.0 to 100.0 degree stand for 0 to
1000; -40.0 to 128.0 degree stand for -400 to 1280
Return Value:
Word Head
Device Address
Frame Length
Command Word
Content
Checksum
0x55
0xAA
0x11
0x14
0x21
H
T
SUM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com