Electronic Components Datasheet Search
  English  ▼

X  

DFR0305 Datasheet(PDF) 4 Page - DFROBOT

Part # DFR0305
Description  RoMeo BLE (SKU:DFR0305)
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0305 Datasheet(HTML) 4 Page - DFROBOT

  DFR0305 Datasheet HTML 1Page - DFROBOT DFR0305 Datasheet HTML 2Page - DFROBOT DFR0305 Datasheet HTML 3Page - DFROBOT DFR0305 Datasheet HTML 4Page - DFROBOT DFR0305 Datasheet HTML 5Page - DFROBOT DFR0305 Datasheet HTML 6Page - DFROBOT DFR0305 Datasheet HTML 7Page - DFROBOT DFR0305 Datasheet HTML 8Page - DFROBOT DFR0305 Datasheet HTML 9Page - DFROBOT Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Before you start
Applying Power
This is one of the most important steps in getting the RoMeo up and communicating with your
host controller. You MUST make sure that you apply power to the Power Terminal using the
correct polarity. Reverse polarity will damage the RoMeo.
Power from USB: Plug in the USB cable to the RoMeo controller from a power source (i.e. wall
jack or computer). Your RoMeo should turn on -- if it does, you should notice the LED light up.
Please note that the USB can only supply 500 mA current, which is enough to light up the LED
but insufficient in powering DC motors or servos.
Power from External Power Input: Connect the ground wire (usually the black wire) from
your supply to the screw terminal labeled “GND”, and then connect the positive wire from your
supply to the screw terminal labeled “VIN".
Cautions: Maximum supply voltage cannot exceed the 
voltage mentioned in Specifications.  
Software
RoMeo can be programmed by Arduino IDE 0022 and above version. It can be downloaded at
http://arduino.cc/en/Main/Software, Please select “Arduino UNO” as the hardware.
Romeo Configuration
Servo Power Select Jumper
Since most servos draw more power than a USB power source can supply, a separate power
source is needed to individually power the servo. That separate power source is usually packaged
together with the servo
When you connect the external power to the servo power supply, it will automatically select the
power source: either internal 5V power supply or external power source.
Motor Control Pin Jumper
Applying the Motor Control Pin Jumpers will allocate Pin 5,6,7,8 for motor control.
Removing the jumpers will release the above Pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com