Electronic Components Datasheet Search
  English  ▼

X  

TPD4S201 Datasheet(PDF) 15 Page - Texas Instruments

Part # TPD4S201
Description  TPD4S201 USB Type-C® 20V SPR Port Protector: Short-to-VBUS Overvoltage and IEC ESD Protection
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPD4S201 Datasheet(HTML) 15 Page - Texas Instruments

Back Button TPD4S201 Datasheet HTML 11Page - Texas Instruments TPD4S201 Datasheet HTML 12Page - Texas Instruments TPD4S201 Datasheet HTML 13Page - Texas Instruments TPD4S201 Datasheet HTML 14Page - Texas Instruments TPD4S201 Datasheet HTML 15Page - Texas Instruments TPD4S201 Datasheet HTML 16Page - Texas Instruments TPD4S201 Datasheet HTML 17Page - Texas Instruments TPD4S201 Datasheet HTML 18Page - Texas Instruments TPD4S201 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
7.2.1 Design Requirements
In this application example we study the protection requirements for a USB Type-C DRP Port, fully equipped
with USB-PD, and 100W charging. The TPS25751 is used to easily enable a DRP port. Both the CC and SBU
pins are susceptible to shorting to the VBUS pin. With 100W charging, VBUS operates at 20V, requiring the CC
and SBU pins to tolerate 20V DC. With these protection requirements present for the USB Type-C connector, the
TPD4S201 is used.
Table 7-1 lists the TPD4S201 design parameters.
Table 7-1. Design Parameters
DESIGN PARAMETER
EXAMPLE VALUE
VBUS nominal operating voltage
20V
Short-to-VBUS tolerance for the CC and SBU pins
28V
VBIAS nominal capacitance
0.1µF
Dead battery charging
100W
Maximum ambient temperature requirement
85°C
7.2.2 Detailed Design Procedure
7.2.2.1 VBIAS Capacitor Selection
As noted in the Section 5.4 table, a minimum of 28V BUS rated capacitor is required for the VBIAS pin, and a
50V BUS capacitor is recommended. The VBIAS capacitor is in parallel with the central diode clamp integrated
inside the TPD4S201. A forward biased hiding diode connects the VBIAS pin to the C_CCx and C_SBUx pins.
Therefore, when a short-to-VBUS event occurs at 21V, 21V BUS minus a forward biased diode drop is exposed
to the VBIAS pin. Additionally, during the short-to-VBUS event, ringing almost doubles the settling voltage of 21V,
allowing a potential 42V to be exposed to the C_CCx and C_SBUx pins. However, the internal diode clamps
limit the voltage exposed to the C_CCx and C_SBUx pins to around 28V. Therefore, at least a 28V capacitor is
required to avoid the destruction of the VBIAS capacitor during short-to-VBUS events.
A 50V, X7R capacitor is recommended to further improve the derating performance of the capacitors. When the
voltage across a real capacitor is increased, the capacitance value derates. The more the capacitor derates, the
larger the ringing in the short-to-VBUS RLC circuit. The 50V X7R capacitors have great derating performance,
allowing for the best short-to-VBUS performance of the TPD4S201.
7.2.2.2 Dead Battery Operation
For this application, we want to support 100W dead battery operation. When the device is out of battery, dead
battery mode is entered. During dead battery mode, enable the USB PD Controller to receive power and apply
the maximum charging conditions of 20V and 5A. The TPS25751 has a built in LDO to supply the TPS25751
power from VBUS in a dead battery condition.
The OVP FETs of the TPD4S201 remain OFF when unpowered to provide protection in dead battery or
unpowered situations. However, when the OVP FETs are OFF, this isolates the TPS25751s dead battery
resistors from the USB Type-C ports CC pins. A USB Type-C power adapter is required to sense the RD
pull-down dead battery resistors on the CC pins to provide power on VBUS. Since the dead battery resistors of
the TPS25751 are isolated from the USB Type-C connector CC pins, connect the dead battery resistors of the
TPD4S201. Short the RPD_G1 pin to the C_CC1 pin, and short the RPD_G2 pin to the C_CC2 pin.
Once the power adapter sees the dead battery resistors of the TPD4S201, 5V is applied on the VBUS pin. The
pin provides power to the TPS25751, turning the PD controller on, and allowing the battery to begin to charge.
However, this application requires 100W charging in dead battery mode, so VBUS at 20V and 5A is required.
USB PD negotiation is required to accomplish this, so the TPS25751 needs to be able to communicate on the
CC pins. To expose the PD controller to the CC lines, turn on the TPD4S201 in dead battery mode. To turn
on the device, the TPD4S201 is powered by the internal LDO of the TPS25751, the LDO_3V3 pin. When the
TPS25751 receives power on VBUS, the TPD4S201 is turned on simultaneously.
www.ti.com
TPD4S201
SLVSIF2 – JULY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
15
Product Folder Links: TPD4S201



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com