Electronic Components Datasheet Search
  English  ▼

X  

AP74701Q Datasheet(PDF) 13 Page - Diodes Incorporated

Part # AP74701Q
Description  LOW IQ REVERSE-BATTERY PROTECTION IDEAL DIODE CONTROLLER WITH BUILT-IN VDS CLAMP
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP74701Q Datasheet(HTML) 13 Page - Diodes Incorporated

Back Button AP74701Q Datasheet HTML 9Page - Diodes Incorporated AP74701Q Datasheet HTML 10Page - Diodes Incorporated AP74701Q Datasheet HTML 11Page - Diodes Incorporated AP74701Q Datasheet HTML 12Page - Diodes Incorporated AP74701Q Datasheet HTML 13Page - Diodes Incorporated AP74701Q Datasheet HTML 14Page - Diodes Incorporated AP74701Q Datasheet HTML 15Page - Diodes Incorporated AP74701Q Datasheet HTML 16Page - Diodes Incorporated AP74701Q Datasheet HTML 17Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
AP74701Q
Document number: DS46952 Rev. 2 - 2
13 of 22
www.diodes.com
February 2025
© 2025 Copyright Diodes Incorporated. All Rights Reserved.
AP74701Q
Application Curves
ISO 7637-2 Pulse 1
Time [4ms/ Div]
Response to ISO 7637-2 Pulse 1
Time [100µs/Div]
Response to ISO 7637-2 Pulse 2A
Time [200ms/Div]
Response to ISO 7637-2 Pulse 2B
Time [100ms/Div]
Response to ISO 16750-2 Pulse 5B
Time [40µs/Div]
Response to LV124 E10, Input micro short for 100µs
ANODE
50V/div
GATE
50V/div
CATHODE
10V/div
IIN
10A/div
Anode pin is clamped around -32V
Output delivers energy to load as well
as back to input source during
ISO7637 Pulse 1
ANODE
20V/div
IIN
20A/div
GATE
20V/div
CATHODE
20V/div
ANODE
10V/div
GATE
10V/div
CATHODE
10V/div
IIN
10A/div
Gate recovers after ISO7637-2
Pulse 2B pulse
IIN
5A/div
CATHODE
20V/div
GATE
20V/div
ANODE
20V/div
Gate does not turn off during ISO7637-2
Pulse 5B (Suppressed Load Dump 35V)
ANODE
10V/div
GATE
10V/div
CATHODE
10V/div
IIN
10A/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com