Electronic Components Datasheet Search
  English  ▼

X  

AP74701Q Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AP74701Q
Description  LOW IQ REVERSE-BATTERY PROTECTION IDEAL DIODE CONTROLLER WITH BUILT-IN VDS CLAMP
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP74701Q Datasheet(HTML) 3 Page - Diodes Incorporated

  AP74701Q Datasheet HTML 1Page - Diodes Incorporated AP74701Q Datasheet HTML 2Page - Diodes Incorporated AP74701Q Datasheet HTML 3Page - Diodes Incorporated AP74701Q Datasheet HTML 4Page - Diodes Incorporated AP74701Q Datasheet HTML 5Page - Diodes Incorporated AP74701Q Datasheet HTML 6Page - Diodes Incorporated AP74701Q Datasheet HTML 7Page - Diodes Incorporated AP74701Q Datasheet HTML 8Page - Diodes Incorporated AP74701Q Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
AP74701Q
Document number: DS46952 Rev. 2 - 2
3 of 22
www.diodes.com
February 2025
© 2025 Copyright Diodes Incorporated. All Rights Reserved.
AP74701Q
Absolute Maximum Ratings (@TA = +25°C, unless otherwise specified.) (Note 4)
Symbol
Parameter
Ratings
Unit
ESD HBM
Human Body ESD Protection
±2
kV
ESD CDM
Charged Device Model ESD Protection
±750
V
ANODE to GND
Input Voltage at ANODE
-(VCLAMP - 1) to +65
V
SW and EN to GND
Voltage at SW and EN, VANODE > 0V
-0.3 to +65
V
EN to GND
Voltage at EN, VANODE ≤ 0V
VANODE to (VANODE + 65)
V
SW to GND
Voltage at SW, VANODE ≤ 0V
VANODE to (VANODE + 0.3)
V
ISW
SW Switch Current
-1 to 3mA
A
GATE to ANODE
Gate to Anode Voltage
-0.3 to +15
V
VCP to ANODE
Charge Pump Voltage
-0.3 to +15
V
CATHODE to ANODE
CATHODE to ANODE Voltage
-5 to VCLAMP
V
TJ(max)
Maximum Junction Temperature
-40 to +150
°C
TSTG
Storage Temperature
-40 to +150
°C
RθJA
Junction-to-Ambient Thermal Resistance (Note 5)
176.9
°C/W
RθJC(top)
Junction-to-Case (Top) Thermal Resistance (Note 5)
122.0
°C/W
RθJB
Junction-to-Board Thermal Resistance (Note 5)
46.0
°C/W
ΨJT
Junction-to-Top Characterization Parameter (Note 5)
10.2
°C/W
ΨJB
Junction-to-Board Characterization Parameter (Note 5)
44.9
°C/W
Notes:
4. Stresses greater than the Absolute Maximum Ratings specified above can cause permanent damage to the device. These are stress ratings only;
functional operation of the device at these or any other conditions exceeding those indicated in this specification is not implied. Device reliability can be
affected by exposure to absolute maximum rating conditions for extended periods of time.
5. RJA and RJC are measured at TA = +25°C on a high effective thermal conductivity four-layer test board per JEDEC 51-7.
Recommended Operating Conditions (@TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Min
Max
Unit
ANODE to GND
Input Voltage at ANODE
-33
+60
V
CATHODE to GND
Input Voltage at CATHODE
—
+60
V
EN to GND
Voltage at Enable Pin
-33
+60
V
ANODE to CATHODE
ANODE to CATHODE Voltage
-VCLAMP
5
V
GATE to ANODE
Gate to Anode Voltage
0
+15
V
VCP to ANODE
Charge Pump Voltage
0
+15
V
CATHODE to ANODE
CATHODE to ANODE Voltage
—
70
V
Anode Cap
Input Capacitor (Note 6)
0.1
1
µF
VCP to Anode Cap
Charge Pump Cap (Note 6)
0.1
—
µF
External MOSFET VGS max
Gate to Anode (Note 6)
15
—
V
TJ
Operating Junction Temperature Range
-40
+125
°C
Note:
6. Refer to the typical application circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com