Electronic Components Datasheet Search
  English  ▼

X  

ACX710 Datasheet(PDF) 4 Page - Juniper Networks, Inc.

Part # ACX710
Description  ACX710 UNIVERSAL METRO ROUTER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JUNIPER [Juniper Networks, Inc.]
Direct Link  https://www.juniper.net/us/en.html
Logo JUNIPER - Juniper Networks, Inc.

ACX710 Datasheet(HTML) 4 Page - Juniper Networks, Inc.

  ACX710 Datasheet HTML 1Page - Juniper Networks, Inc. ACX710 Datasheet HTML 2Page - Juniper Networks, Inc. ACX710 Datasheet HTML 3Page - Juniper Networks, Inc. ACX710 Datasheet HTML 4Page - Juniper Networks, Inc. ACX710 Datasheet HTML 5Page - Juniper Networks, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Network Management
• CLI
• SNMP v2/v3
• Network Configuration Protocol (NETCONF)
• YANG Models
• Syslog
• Zero-touch provisioning (ZTP)
ACX710 Universal Metro Router
Specifications
Dimensions (W x H x D)
• 17.433 x 1.717 x 12.401 in (44.28 x 4.36 x 31.5cm)
• 1 U
System Weight
• 17.6 lb (8 kg)
Airflow
• Filterless design, front to back with field-replaceable fan tray
Power (DC only)
• -48 VDC, dual feed
Power Consumption
• Typical 150 Watts, max 225 Watts
Operating Temperature
• -40° to 149° F (-40° to 65° C)
Humidity
• 5-95% RH non-condensing
Interfaces
• 4xQSFP28 ports—each can be configured as 4x10GbE or
4x25GbE (using breakout cables), and 1x40GbE or 1x100GbE
• 1x10/100BASE-T Ethernet for out-of-band management
• 1xRJ-45 console port 1xRJ-45 alarm port for 3 input and 1
output alarm contacts
• 1x USB 2.0 port
Synchronization Interfaces
• 1x RJ-45 port 1PPS+TOD (ITU-T G.703 Amd1)
• 1x RJ-48C port for 2.048 MHz, E1/T1 (BITS) input/output
Approvals
Safety
• LVD Directive 2014/35/EU
• IEC/EN 60950-1
EMC
• EMC Directive 2014/30/EU
• EN 300386
• EN 55032
• EN 55024
• EN 50121-1
• EN 50121-4
• EN 61000-6-1
• EN 61000-6-2
• EN 61000-6-3
• EN 61000-6-4
• EN 300132-2
ENV
• RoHS Directive 2011/645/EU
• WEEE Directive 2012/19/EU
• EN 300 019-1-3 (Class 3.3)—not temperature-controlled
locations
• EN 300 019-2-1
• EN 300 019-2-2
• EN 300 019-2-3
• EN 300 753
• ECE-C1.1
ACX710 Universal Metro Router Datasheet
4



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com