Electronic Components Datasheet Search
  English  ▼

X  

ACX710 Datasheet(PDF) 1 Page - Juniper Networks, Inc.

Part # ACX710
Description  ACX710 UNIVERSAL METRO ROUTER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JUNIPER [Juniper Networks, Inc.]
Direct Link  https://www.juniper.net/us/en.html
Logo JUNIPER - Juniper Networks, Inc.

ACX710 Datasheet(HTML) 1 Page - Juniper Networks, Inc.

  ACX710 Datasheet HTML 1Page - Juniper Networks, Inc. ACX710 Datasheet HTML 2Page - Juniper Networks, Inc. ACX710 Datasheet HTML 3Page - Juniper Networks, Inc. ACX710 Datasheet HTML 4Page - Juniper Networks, Inc. ACX710 Datasheet HTML 5Page - Juniper Networks, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
ACX710 UNIVERSAL METRO ROUTER
DATASHEET
Product Description
Juniper Networks® ACX710 Universal Metro Router is a response to the relentless increase
in demand on metro architectures, where hardened access and aggregation platforms are
required to extend operational flexibility from the service provider edge and across the
metro. The ACX710 delivers the form factor, optimized performance, density, and
resiliency needed for metro applications, including strict timing and synchronization
requirements for mobile backhaul applications.
Powered by the Junos® operating system, Juniper Networks ACX Series Universal Metro
Routers provide operators with a wide array of SDN-enabled and subscriber-aware IP
transport solutions, facilitating the 5G-ready Cloud Metro architecture required to address
current and future challenges and opportunities.
The integrated multiservice features and capabilities of the ACX710 reduce the complexity
of metro operations, eliminating the need for unnecessary network layers and overlays and
creating the opportunity to reduce CapEx and OpEx in operator networks. The ACX710
simplifies network design, while creating a foundation for more efficient operations and
service agility, enabling operators to adopt a true universal and converged metro paradigm
for the Cloud, 5G, and AI era.
The ACX710 Product Offering
The ACX710 Universal Metro Router is a hardened, fixed, and compact 1 U solution,
purpose-built for efficient 4G and 5G service delivery and scale. Its high-performance, high-
capacity, and hardened design makes it ideal for ubiquitous deployment in metro
applications and telco cloud architectures. The ACX710 provides high 1GbE/10GbE and
100GbE port density, lowering footprint rental and power costs, and it support Juniper’s
Unified PON technology. The router also supports VPN services over IP/MPLS networks,
service provider SDN, service exposure using NETCONF/YANG, extensive quality of
service (QoS), and Class-C timing and precision synchronization features, making it ideally
suited for low latency service delivery. With 320 Gbps of switching capacity, the stackable
ACX710 delivers the performance, capacity, and feature set required for LTE, LTE
Advanced, and 5G radio access network (RAN) sites in a hardened and compact form
factor. Table 1 provides an overview of the interfaces supported by the ACX710.
Table 1. Built-In Interface Options for ACX710
Model
1GbE/10GbE (SFP/SFP+)
100GbE (QSFP28)
ACX710
24
4*
* QSFP28 ports can be configured as 1x100GbE, 1x40GbE, 4x25GbE, or 4x10GbE
Data Sheet
1
Product Overview
The ACX710 Universal Metro
Router delivers operational
flexibility, high 10GbE to
100GbE port density, precision
timing, and synchronization in a
hardened form factor designed
for any metro environment. The
ACX710 leverages Junos OS to
address multiple service
provider, enterprise, and utilities
use cases, including cable
distributed access architectures
(DAA), residential fiber (including
Juniper’s Unified PON), and
mobile backhaul.


Similar Part No. - ACX710

ManufacturerPart #DatasheetDescription
logo
Juniper Networks, Inc.
ACX7100 JUNIPER-ACX7100 Datasheet
534Kb / 5P
ACX7100 CLOUD METRO ROUTERS
ACX7100-32C JUNIPER-ACX7100-32C Datasheet
534Kb / 5P
ACX7100 CLOUD METRO ROUTERS
ACX7100-32C JUNIPER-ACX7100-32C Datasheet
534Kb / 5P
ACX7100 CLOUD METRO ROUTERS
ACX7100-32C-AC-AO JUNIPER-ACX7100-32C-AC-AO Datasheet
534Kb / 5P
ACX7100 CLOUD METRO ROUTERS
ACX7100-32C-DC-AO JUNIPER-ACX7100-32C-DC-AO Datasheet
534Kb / 5P
ACX7100 CLOUD METRO ROUTERS
More results

Similar Description - ACX710

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
UMD005A CTS-UMD005A Datasheet
448Kb / 2P
Universal-footprint Metro Cell Duplexers
logo
PHOENIX CONTACT
2702528 PHOENIX-2702528 Datasheet
71Kb / 4P
Router - TC ROUTER 3002T-4G
2702532 PHOENIX-2702532 Datasheet
78Kb / 5P
Router - TC ROUTER 3002T-4G VZW
2702533 PHOENIX-2702533 Datasheet
78Kb / 5P
Router - TC ROUTER 3002T-4G ATT
logo
SparkFun Electronics
KIT-09236 SPARKFUN-KIT-09236 Datasheet
226Kb / 1P
SparkFun Metro-Gnome
8/5/2016
logo
PHOENIX CONTACT
2314008 PHOENIX-2314008 Datasheet
213Kb / 14P
Router - PSI-MODEM-3G/ROUTER
09/12/2020
2702531 PHOENIX-2702531 Datasheet
235Kb / 14P
Router - TC ROUTER 2002T-3G
09/12/2020
1234354 PHOENIX-1234354 Datasheet
5Mb / 27P
Router - TC ROUTER 4202T-4G EU WLAN
Nov 16, 2022
logo
Advantech Co., Ltd.
WISE-3200 ADVANTECH-WISE-3200 Datasheet
169Kb / 2P
IoT Router
22-Feb-2021
logo
TELTONIKA NETWORKS.
RUT300 TELTONIKA-RUT300 Datasheet
983Kb / 13P
ETHERNET ROUTER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com