Electronic Components Datasheet Search
  English  ▼

X  

PDIFMP33UHFX Datasheet(PDF) 11 Page - Banner Engineering Corp.

Part # PDIFMP33UHFX
Description  Fiber Optic Systems
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

PDIFMP33UHFX Datasheet(HTML) 11 Page - Banner Engineering Corp.

Back Button PDIFMP33UHFX Datasheet HTML 7Page - Banner Engineering Corp. PDIFMP33UHFX Datasheet HTML 8Page - Banner Engineering Corp. PDIFMP33UHFX Datasheet HTML 9Page - Banner Engineering Corp. PDIFMP33UHFX Datasheet HTML 10Page - Banner Engineering Corp. PDIFMP33UHFX Datasheet HTML 11Page - Banner Engineering Corp. PDIFMP33UHFX Datasheet HTML 12Page - Banner Engineering Corp. PDIFMP33UHFX Datasheet HTML 13Page - Banner Engineering Corp. PDIFMP33UHFX Datasheet HTML 14Page - Banner Engineering Corp. PDIFMP33UHFX Datasheet HTML 15Page - Banner Engineering Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 42 page
background image
Fiber Systems
173
More information online at
bannerengineering.com
D12 Series
D12 Expert™, 10-30V dc
Models
Sensing
Mode/LED*
Maximum
Range
Switching Threshold
Setting
Cable**
Output
Type
Data
Sheet
D12EN6FV
GLASS FIBER
Range varies by
sensing mode and
fiber optics used.
See data sheet part
number 41974 for
maximum range
specifications.
Just above the “dark”
condition
2 m
NPN
41974
D12EP6FV
PNP
D12E2N6FV
Midway between “dark”
and “light” conditions
NPN
D12E2P6FV
PNP
D12EN6FP
PLASTIC FIBER
Just above the “dark”
condition
NPN
D12EP6FP
PNP
D12E2N6FP
Midway between “dark”
and “light” conditions
NPN
D12E2P6FP
PNP
D12 and D12 High-Speed, 10-30V dc
Models
Sensing
Mode/LED*
Range
Cable**
Output
Type
Output
Response
Excess
Gain
Data
Sheet
D12SN6FV
GLASS FIBER
Range varies
by sensing
mode
and fiber
optics used
2 m
NPN
500 µs
EGCG-40 &
EGCG-41
(p. 446)
32822
D12SN6FVQ
4-Pin Pico Pigtail QD
D12SP6FV
2 m
PNP
D12SP6FVQ
4-Pin Pico Pigtail QD
D12SN6FVY
GLASS FIBER
2 m
NPN
Selectable
50 µs or
500 µs***
EGCG-42 &
EGCG-43
(p. 446)
D12SN6FVYQ
4-Pin Pico Pigtail QD
D12SN6FVY1†
2 m
D12SN6FVY1Q†
4-Pin Pico Pigtail QD
D12SP6FVY
2 m
PNP
D12SP6FVYQ
4-Pin Pico Pigtail QD
D12SP6FVY1†
2 m
D12SP6FVY1Q†
4-Pin Pico Pigtail QD
D12SN6FP
PLASTIC FIBER
Range varies
by sensing
mode
and fiber
optics used
2 m
NPN
500 µs
EGCP- 36 &
EGCP-37
(p. 449)
D12SN6FPQ
4-Pin Pico Pigtail QD
D12SP6FP
2 m
PNP
D12SP6FPQ
4-Pin Pico Pigtail QD
D12SN6FPY
PLASTIC FIBER
2 m
NPN
Selectable
50 µs or
500 µs***
EGCP-38 &
EGCP-39
(p. 449)
D12SN6FPYQ
4-Pin Pico Pigtail QD
D12SN6FPY1†
2 m
D12SN6FPY1Q†
4-Pin Pico Pigtail QD
D12SP6FPY
2 m
PNP
D12SP6FPYQ
4-Pin Pico Pigtail QD
D12SP6FPY1†
2 m
D12SP6FPY1Q†
4-Pin Pico Pigtail QD
HIGH-SPEED
HIGH-SPEED
†
Y1 models have 20 milliseconds output pulse stretcher.
*
Visible Red LED
**
For 9 m cable, add suffix W/30 to the 2 m model number (example, D12EN6FV W/30). A model with a QD requires a mating cable (see page 378).
***
When 50 microseconds is selected, bargraph is disabled.
Download
PDF
Download
PDF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com