Electronic Components Datasheet Search
  English  ▼

X  

PDIFMP33UHFX Datasheet(PDF) 29 Page - Banner Engineering Corp.

Part # PDIFMP33UHFX
Description  Fiber Optic Systems
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

PDIFMP33UHFX Datasheet(HTML) 29 Page - Banner Engineering Corp.

Back Button PDIFMP33UHFX Datasheet HTML 25Page - Banner Engineering Corp. PDIFMP33UHFX Datasheet HTML 26Page - Banner Engineering Corp. PDIFMP33UHFX Datasheet HTML 27Page - Banner Engineering Corp. PDIFMP33UHFX Datasheet HTML 28Page - Banner Engineering Corp. PDIFMP33UHFX Datasheet HTML 29Page - Banner Engineering Corp. PDIFMP33UHFX Datasheet HTML 30Page - Banner Engineering Corp. PDIFMP33UHFX Datasheet HTML 31Page - Banner Engineering Corp. PDIFMP33UHFX Datasheet HTML 32Page - Banner Engineering Corp. PDIFMP33UHFX Datasheet HTML 33Page - Banner Engineering Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 42 page
background image
Fiber Systems
191
More information online at
bannerengineering.com
Plastic Fiber Optics
CORE DIA.
MIN. BEND
MODEL NUMBER
DRAWING & DIMENSIONS
(mm)
RADIUS (mm)
FEATURES
TYPICAL RANGE (mm)
1.0
25
PIF46U
Detailed Dimensions Online
17.0
2000
ø 3.18
stainless steel
ø 2.2
polyethylene
200
1000
400
600
800
1200
• Smooth ferrule
1.5
38
PIF66U
Detailed Dimensions Online
15.0
2000
ø 3.18
stainless steel
ø 2.2
polyethylene
500
2000
1000
1500
2500
• Smooth ferrule;
long range
1.0
25
PIFM46U
Detailed Dimensions Online
15.0
2000
ø 3.0
stainless steel
ø 2.2
polyethylene
200
1000
400
600
800
1200
• Smooth ferrule;
miniature tip
1.0
25
PIL46U
Detailed Dimensions Online
M8 x 1 acrylic lens
ø 2.2
ø 10.8
polyethylene
plastic
plastic
7.6
12.7
19.1
2000
2000
10000
4000
6000
8000
12000
• Plastic lens;
ultra-long range
• Lens available
separately, see
page 1
95.
0.25
8
PIT16U
Detailed Dimensions Online
ø 1.0
polyethylene
10.0
2000
M2.5 x 0.45
stainless steel
20
10
80
70
30
50
40
60
90
• Thread
0.5
12
PIT26U
Detailed Dimensions Online
ø 1.0
polyethylene
11.0
2000
M3 x 0.5
nickel plated brass
50
350
100
150
200
250
300
400
• Thread
0.25
8
PIP16U
Detailed Dimensions Online
ø 1.0
polyethylene
7.6
25.4
2000
ø 0.91
ø 1.3
stainless steel
(non-bendable)
probe
20
10
80
70
30
50
40
60
90
• Smooth ferrule;
non-bendable tip
0.5
12
PIP26U
Detailed Dimensions Online
ø 1.0
polyethylene
11.0
89
2000
M3 x 0.5
nickel plated
brass
ø 0.91
annealed stainless
steel (bendable)
probe
50
350
100
150
200
250
300
400
• Thread; bendable tip
1.0
25
PIP46U
Detailed Dimensions Online
ø 1.47
ø 2.2
polyethylene
14.0
89
2000
M4 x 0.7
nickel plated
brass
annealed stainless steel
(bendable) probe
200
1000
400
600
800
1200
• Thread; bendable tip
1.0
25
PIT46U
Detailed Dimensions Online
ø 2.2
polyethylene
11.0
3.0
2000
M4 x 0.7
nickel plated brass
M2.5
x 0.045
200
1000
400
600
800
1200
• Thread
1.5
38
PIT66U
Detailed Dimensions Online
ø 2.2
polyethylene
11.0
3.0
2000
M4 x 0.7
nickel plated brass
M2.5 x 0.045
500
2000
1000
1500
2500
• Thread; long range
WORLD-BEAM®
QS18
MINI-BEAM®
Expert™
Discrete
Bargraph
Super
High Speed
High Speed
High Power
Super
High Power
D10 SERIES
FI22
Indicates lens available for model. See page 195 for details.
Indicates fiber can be Free Cut using Fiber Cutter. See page 197.
NA: WORLD-BEAM QS18 not recommended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com