Electronic Components Datasheet Search
  English  ▼

X  

BYT08PI-400 Datasheet(PDF) 7 Page - STMicroelectronics

Part # BYT08PI-400
Description  FAST RECOVERY RECTIFIER DIODES
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BYT08PI-400 Datasheet(HTML) 7 Page - STMicroelectronics

  BYT08PI-400 Datasheet HTML 1Page - STMicroelectronics BYT08PI-400 Datasheet HTML 2Page - STMicroelectronics BYT08PI-400 Datasheet HTML 3Page - STMicroelectronics BYT08PI-400 Datasheet HTML 4Page - STMicroelectronics BYT08PI-400 Datasheet HTML 5Page - STMicroelectronics BYT08PI-400 Datasheet HTML 6Page - STMicroelectronics BYT08PI-400 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of
use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by
implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to
change without notice. This publication supersedes and replaces all information previously supplied.
STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written ap-
proval of STMicroelectronics.
The ST logo is a registered trademark of STMicroelectronics
© 1999 STMicroelectronics - Printed in Italy - All rights reserved.
STMicroelectronics GROUP OF COMPANIES
Australia - Brazil - China - Finland - France - Germany - Hong Kong - India - Italy - Japan - Malaysia
Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - U.S.A.
http://www.st.com
Ordering type
Marking
Package
Weight
Base qty
Delivery mode
BYT08P-400
BYT08P-400
TO-220AC
1.86 g.
50
Tube
BYT08PI-400
BYT08PI-400
Insulated
TO-220AC
1.86 g.
50
Tube
Cooling method: by conduction (C)
Recommended torque value: 0.8 N.m.
Maximum torque value: 1.0 N.m.
Epoxy meets UL94,V0
PACKAGE MECHANICAL DATA
TO-220AC Insulated
b1
l2
a1
e
F
L
B
I
A
C
b2
c1
c2
a2
REF.
DIMENSIONS
Millimeters
Inches
Min.
Max.
Min.
Max.
A
14.23
15.87
0.560
0.625
a1
4.50
0.177
a2
12.70
14.70
0.500
0.579
B
10.20
10.45
0.402
0.411
b1
0.64
0.96
0.025
0.038
b2
1.15
1.39
0.045
0.055
C
4.48
4.82
0.176
0.190
c1
0.35
0.65
0.020
0.026
c2
2.10
2.70
0.083
0.106
e
4.58
5.58
0.180
0.220
F
5.85
6.85
0.230
0.270
I
3.55
4.00
0.140
0.157
L
2.54
3.00
0.100
0.118
l2
1.45
1.75
0.057
0.069
BYT08P-400 / BYT08PI-400
7/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com