Electronic Components Datasheet Search
  English  ▼

X  

BYT08PI-400 Datasheet(PDF) 2 Page - STMicroelectronics

Part # BYT08PI-400
Description  FAST RECOVERY RECTIFIER DIODES
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BYT08PI-400 Datasheet(HTML) 2 Page - STMicroelectronics

  BYT08PI-400 Datasheet HTML 1Page - STMicroelectronics BYT08PI-400 Datasheet HTML 2Page - STMicroelectronics BYT08PI-400 Datasheet HTML 3Page - STMicroelectronics BYT08PI-400 Datasheet HTML 4Page - STMicroelectronics BYT08PI-400 Datasheet HTML 5Page - STMicroelectronics BYT08PI-400 Datasheet HTML 6Page - STMicroelectronics BYT08PI-400 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VF *
Forward voltage drop
Tj = 25
°CIF = 8 A
1.5
V
Tj = 100
°C
1.4
IR **
Reverse leakage
current
Tj = 25
°CVR = VRRM
15
µA
Tj = 100
°C
2.5
mA
Pulse test : * tp = 380
µs, δ < 2%
** tp = 5 ms,
δ < 2%
STATIC ELECTRICAL CHARACTERISTICS
Symbol
Parameter
Value
Unit
Rth (j-c)
Junction to case
TO-220AC
Ins. TO-220AC
2.5
3.5
°C/W
THERMAL RESISTANCES
To evaluate the conduction losses use the following equation:
P = 1.1 x IF(AV) + 0.024 IF
2
(RMS)
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
trr
Tj = 25°C
IF = 1A VR = 30V dIF/dt = - 15A/
µs
75
ns
IF = 0.5A IR = 1A Irr = 0.25A
35
RECOVERY CHARACTERISTICS
Symbol
Parameter
Test Conditions
Min. Typ. Max. Unit
tIRM
M axim um rev er se
recovery time
dIF/dt = - 32 A/
µsVCC = 200 V
IF = 8 A
Lp
≤ 0.05 µH
Tj = 100°C
(see fig. 13)
75
ns
dIF/dt = - 64 A/
µs
50
IRM
M axim um rev er se
recovery current
dIF/dt = - 32 A/
µs
2.2
A
dIF/dt = - 64 A/
µs
2.8
C =
VRP
VCC
Turn-off overvoltage
coefficient
Tj = 100°C
VCC = 60V
IF = IF(AV)
dIF/dt = - 30A/
µs
Lp = 1
µH
3.3
/
TURN-OFF SWITCHING CHARACTERISTICS
BYT08P-400 / BYT08PI-400
2/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com