Electronic Components Datasheet Search
  English  ▼

X  

DFR0520 Datasheet(PDF) 4 Page - DFROBOT

Part # DFR0520
Description  Dual Digital Pot (100K) SKU: DFR0520
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0520 Datasheet(HTML) 4 Page - DFROBOT

  DFR0520 Datasheet HTML 1Page - DFROBOT DFR0520 Datasheet HTML 2Page - DFROBOT DFR0520 Datasheet HTML 3Page - DFROBOT DFR0520 Datasheet HTML 4Page - DFROBOT DFR0520 Datasheet HTML 5Page - DFROBOT DFR0520 Datasheet HTML 6Page - DFROBOT DFR0520 Datasheet HTML 7Page - DFROBOT DFR0520 Datasheet HTML 8Page - DFROBOT DFR0520 Datasheet HTML 9Page - DFROBOT Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
The resistance of each digital pot can be calculate by the equations below.
Requirements
Hardware
DFRduino UNO Mainboard (or similar) x 1
Bread board x 1
IO Expansion Shield for Arduino V7.1 (optional) x 1
Analog Cable (5Pin male to male) x 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com