Electronic Components Datasheet Search
  English  ▼

X  

DFR0520 Datasheet(PDF) 7 Page - DFROBOT

Part # DFR0520
Description  Dual Digital Pot (100K) SKU: DFR0520
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0520 Datasheet(HTML) 7 Page - DFROBOT

Back Button DFR0520 Datasheet HTML 3Page - DFROBOT DFR0520 Datasheet HTML 4Page - DFROBOT DFR0520 Datasheet HTML 5Page - DFROBOT DFR0520 Datasheet HTML 6Page - DFROBOT DFR0520 Datasheet HTML 7Page - DFROBOT DFR0520 Datasheet HTML 8Page - DFROBOT DFR0520 Datasheet HTML 9Page - DFROBOT DFR0520 Datasheet HTML 10Page - DFROBOT DFR0520 Datasheet HTML 11Page - DFROBOT Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
/***********************Circuit Connections*******************
Digital Pot
|
Arduino UNO R3
|
Oscilloscope
CS
|
D10 (SS)
|
SI
|
D11 (MOSI)
|
CLK
|
D13 (SCK)
|
VCC,PA0,PA1
|
VCC
|
GND,PB0,PB1
|
GND
|
CH1- CH2-
W0
|
|
CH1+
W1
|
|
CH2+
************************************************************/
/***********************Notice********************************
1.Resistor terminals A, B and W have no restrictions on
polarity with respect to each other.
2.Current through terminals A, B and W should not excceed ±1mA.
3.Voltages on terminals A, B and W should be within 0 - VCC.
************************************************************/
#include <SPI.h>
/***********************PIN Definitions*************************/
// set pin 10 as the slave select for the digital pot:
const int CS_PIN = 10;
/***********************MCP42XXX Commands************************/
//potentiometer select byte
const int POT0_SEL = 0x11;
const int POT1_SEL = 0x12;
const int BOTH_POT_SEL = 0x13;
//shutdown the device to put it into power-saving mode.
//In this mode, terminal A is open-circuited and the B and W terminals are sh
orted together.
//send new command and value to exit shutdowm mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com