Electronic Components Datasheet Search
  English  ▼

X  

DFR0602 Datasheet(PDF) 3 Page - DFROBOT

Part # DFR0602
Description  ESP32-CAM Development Board
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0602 Datasheet(HTML) 3 Page - DFROBOT

  DFR0602 Datasheet HTML 1Page - DFROBOT DFR0602 Datasheet HTML 2Page - DFROBOT DFR0602 Datasheet HTML 3Page - DFROBOT DFR0602 Datasheet HTML 4Page - DFROBOT DFR0602 Datasheet HTML 5Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
2.ESP32 GPIO32 pin is used to control the power of the camera, so when the camera is
in working, pull GPIO32 pin low.
3.Since IO pin is connected to camera XCLK, it should be left floating in using, and do
not connect it to high/low level.
4.The product has been equipped with default firmware before leaving the factory, and
we do not provide additional ones for you to download. So, please be cautious when
you choose to burn other firmwares.
FEATURES
Up to 160MHz clock speed,Summary computing power up to 600 DMIPS
Built-in 520 KB SRAM, external 4MPSRAM
Supports UART/SPI/I2C/PWM/ADC/DAC
Support OV2640 and OV7670 cameras, Built-in Flash lamp.
Support image WiFI upload
Support TF card
Supports multiple sleep modes.
Embedded Lwip and FreeRTOS
Supports STA/AP/STA+AP operation mode
Support Smart Config/AirKiss technology
Support for serial port local and remote firmware upgrades (FOTA)
SPECIFICATION
 SPI Flash: default 32Mbit
 RAM: built-in 520 KB+external 4MPSRAM
 Dimension: 27*40.5*4.5(±0.2)mm/1.06*1.59*0.18”
 Bluetooth: Bluetooth 4.2 BR/EDR and BLE standards
 Wi-Fi: 802.11b/g/n/e/i
 Support Interface: UART, SPI, I2C, PWM
 Support TF card: maximum support 4G
 IO port: 9
 Serial Port Baud-rate: Default 115200 bps



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com