Electronic Components Datasheet Search
  English  ▼

X  

DFR0602 Datasheet(PDF) 4 Page - DFROBOT

Part # DFR0602
Description  ESP32-CAM Development Board
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0602 Datasheet(HTML) 4 Page - DFROBOT

  DFR0602 Datasheet HTML 1Page - DFROBOT DFR0602 Datasheet HTML 2Page - DFROBOT DFR0602 Datasheet HTML 3Page - DFROBOT DFR0602 Datasheet HTML 4Page - DFROBOT DFR0602 Datasheet HTML 5Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
 Image Output Format: JPEG( OV2640 support only ), BMP, GRAYSCALE
 Spectrum Range: 2412 ~2484MHz
 Antenna: onboard PCB antenna, gain 2dBi
 Transmit Power: 802.11b: 17±2 dBm (@11Mbps);
802.11g: 14±2 dBm (@54Mbps);
802.11n: 13±2 dBm (@MCS7)
 Receiving Sensitivity: CCK, 1 Mbps : -90dBm;
CCK, 11 Mbps: -85dBm;
6 Mbps (1/2 BPSK): -88dBm;
54 Mbps (3/4 64-QAM): -70dBm;
MCS7 (65 Mbps, 72.2 Mbps): -67dBm
 Power consumption: Turn off the flash: 180mA@5V
Turn on the flash and adjust the brightness to the maximum:
310mA@5V
Deep-sleep: the lowest power consumption can reach 6mA@5V
Moderm-sleep: up to 20mA@5V
Light-sleep: up to 6.7mA@5V
 Security: WPA/WPA2/WPA2-Enterprise/WPS
 Power supply range: 5V
 Operating temperature: -20 °C ~ 85 °C
 Sorage environment: -40 °C ~ 90 °C, < 90%RH
 Weight: 10g
SHIPPING LIST
 ESP32-CAM Development Board x1



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com