Electronic Components Datasheet Search
  English  ▼

X  

DRI0002 Datasheet(PDF) 3 Page - DFROBOT

Part # DRI0002
Description  MD1.3 2A Dual Motor Controller SKU DRI0002
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DRI0002 Datasheet(HTML) 3 Page - DFROBOT

  DRI0002 Datasheet HTML 1Page - DFROBOT DRI0002 Datasheet HTML 2Page - DFROBOT DRI0002 Datasheet HTML 3Page - DFROBOT DRI0002 Datasheet HTML 4Page - DFROBOT DRI0002 Datasheet HTML 5Page - DFROBOT DRI0002 Datasheet HTML 6Page - DFROBOT DRI0002 Datasheet HTML 7Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Detailed Descriptions
Motor Terminal
The terminals are used to connected to the motors, which labeled "+" and "-" representing motor
polarity.
LED
PWM: Power LED
Motor Status LED: Motors work normally, thus the lED will light up.
Power
VD: Power Supply 6.5V~12V;
VS: Motor Power Supply 4.8~46V;
GND: The common ground of Logic Power Supply and Motor Supply
Supply Switching Jumper
When jumper is shorted, logic power supply voltage is the same as the motor power supply.
If motor power supply is less than 12V,you can set jumper shorted.
If motor power supply is more than 12V, dont't short jumper!



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com