Electronic Components Datasheet Search
  English  ▼

X  

DRI0002 Datasheet(PDF) 4 Page - DFROBOT

Part # DRI0002
Description  MD1.3 2A Dual Motor Controller SKU DRI0002
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DRI0002 Datasheet(HTML) 4 Page - DFROBOT

  DRI0002 Datasheet HTML 1Page - DFROBOT DRI0002 Datasheet HTML 2Page - DFROBOT DRI0002 Datasheet HTML 3Page - DFROBOT DRI0002 Datasheet HTML 4Page - DFROBOT DRI0002 Datasheet HTML 5Page - DFROBOT DRI0002 Datasheet HTML 6Page - DFROBOT DRI0002 Datasheet HTML 7Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Motor Control Pins
E1,E2: Motor Enable Pin(PWM Control)
M1,M2: Motor Signal Pin. Eg: M1 = 0,the motor rotates in forward direction. M1 = 1,the motor rotates
in back direction.
E
M
Run
LOW
LOW/HIGH
STOP
HIGH
HIGH
Back Direction
HIGH
LOW
Forward direction
PWM
LOW/HIGH
Speed
Note: LOW = 0; HIGH = 1; PWM = 0~255
Tutorial
This tutorial shows you how to use l298N motor drive shield to drive two DC motors.
Connection Diagram
Connection Diagram



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com