Electronic Components Datasheet Search
  English  ▼

X  

DRI0009 Datasheet(PDF) 1 Page - DFROBOT

Part # DRI0009
Description  Arduino Motor Shield (L298N) (SKU:DRI0009)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DRI0009 Datasheet(HTML) 1 Page - DFROBOT

  DRI0009 Datasheet HTML 1Page - DFROBOT DRI0009 Datasheet HTML 2Page - DFROBOT DRI0009 Datasheet HTML 3Page - DFROBOT DRI0009 Datasheet HTML 4Page - DFROBOT DRI0009 Datasheet HTML 5Page - DFROBOT DRI0009 Datasheet HTML 6Page - DFROBOT DRI0009 Datasheet HTML 7Page - DFROBOT DRI0009 Datasheet HTML 8Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
 
Arduino Motor Shield (L298N) (SKU:DRI0009)
Contents
1 Introduction
2 Specification
3 PinOut
4 Tutorial
4.1 Connection Diagram
4.2 Sample Code
4.2.1 PWM Speed Control
4.2.2 PLL Speed Control
5 Trouble shooting
Introduction
This motor shield allows Arduino to drive two channel DC motors. It uses a L298N chip which
deliveries output current up to 2A each channel. The speed control is achieved through conventional
PWM which can be obtained from Arduino’s PWM output Pin 5 and 6. The enable/disable function of
the motor control is signalled by Arduino Digital Pin 4 and 7.
The Motor shield can be powered directly from Arduino or from external power source. It is strongly
encouraged to use external power supply to power the motor shield.


Similar Part No. - DRI0009

ManufacturerPart #DatasheetDescription
logo
DFROBOT
DRI0001 DFROBOT-DRI0001 Datasheet
147Kb / 5P
Arduino Motor Shield (L293) (SKU: DRI0001)
DRI0002 DFROBOT-DRI0002 Datasheet
270Kb / 7P
MD1.3 2A Dual Motor Controller SKU DRI0002
More results

Similar Description - DRI0009

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
4DISPLAY-ADAPTOR-SHIELD ETC2-4DISPLAY-ADAPTOR-SHIELD Datasheet
668Kb / 8P
4D Arduino Adaptor Shield
logo
Newhaven Display Intern...
NHD-1.69-AU-SHIELD NEWHAVEN-NHD-1.69-AU-SHIELD Datasheet
1Mb / 13P
Graphic Color OLED Display Module Arduino UNO Shield
NHD-4.3CTP-SHIELD-L NEWHAVEN-NHD-4.3CTP-SHIELD-L Datasheet
1Mb / 12P
Color TFT Liquid Crystal Display Module Arduino Shield
NHD-4.3CTP-SHIELD-N NEWHAVEN-NHD-4.3CTP-SHIELD-N Datasheet
1Mb / 12P
Color TFT Liquid Crystal Display Module Arduino Shield
NHD-4.3CTP-SHIELD-V NEWHAVEN-NHD-4.3CTP-SHIELD-V Datasheet
1Mb / 12P
Color TFT Liquid Crystal Display Module Arduino Shield
NHD-4.3RTP-SHIELD-L NEWHAVEN-NHD-4.3RTP-SHIELD-L Datasheet
1Mb / 12P
Color TFT Liquid Crystal Display Module Arduino Shield
logo
ON Semiconductor
EVBUM2715 ONSEMI-EVBUM2715 Datasheet
4Mb / 37P
NCN5100 Arduino Shield Evaluation Board
February, 2020 ??Rev. 1
logo
SparkFun Electronics
DEV-14352 SPARKFUN-DEV-14352 Datasheet
244Kb / 3P
SparkFun Qwiic Shield for Arduino
10??3??7
DEV-13956 SPARKFUN-DEV-13956 Datasheet
1Mb / 26P
Arduino Weather Shield Hookup Guide V12
3/6/2017
logo
Infineon Technologies A...
BTN9970 INFINEON-BTN9970 Datasheet
581Kb / 16P
BTN9970 / BTN9990 Motor control shield Arduino shield for evaluation
Rev. 1.1 9/23/2021
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com