Electronic Components Datasheet Search
  English  ▼

X  

DRI0009 Datasheet(PDF) 2 Page - DFROBOT

Part # DRI0009
Description  Arduino Motor Shield (L298N) (SKU:DRI0009)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DRI0009 Datasheet(HTML) 2 Page - DFROBOT

  DRI0009 Datasheet HTML 1Page - DFROBOT DRI0009 Datasheet HTML 2Page - DFROBOT DRI0009 Datasheet HTML 3Page - DFROBOT DRI0009 Datasheet HTML 4Page - DFROBOT DRI0009 Datasheet HTML 5Page - DFROBOT DRI0009 Datasheet HTML 6Page - DFROBOT DRI0009 Datasheet HTML 7Page - DFROBOT DRI0009 Datasheet HTML 8Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
IOREF pin
for Version 1.2:
The board's IOREF pin is connected with pin 5V! So when adding the DRI0009 to the
stack of board (controller), the controller's supply voltage would changed to 5V! So it
only can be compatible with the controller working at 5V. If you need to use controller
working at other voltage, e.g. 3.3V, you need CUT OFF the IOREF pin of DRI0009.
We are deeply sorry about the mistake! We will revise the design in the next version.
Specification
Logic Control Voltage:5V (From Arduino)
Motor Driven Voltage:4.8~35V (From Arduino or External Power Source)
Logic supply current Iss:≤36mA
Motor Driven current Io:≤2A
Maximum power consumption:25W(T=75 )
PWM、PLL Speed control mode
Control signal level:
High:2.3V≤Vin≤5V
Low:-0.3V≤Vin≤1.5V
PinOut
Control Mode Selection Jumpers:
The shield supports PWM and PLL(Phased Locked Loop) control Modes. The PWM mode uses
E1 and E2 to generate PWM signal. The PLL mode uses M1 and M2 to generate phase control
signal.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com