Electronic Components Datasheet Search
  English  ▼

X  

ADS1015 Datasheet(PDF) 32 Page - Texas Instruments

Part # ADS1015
Description  ADS1118 Ultrasmall, Low-Power, SPI™-Compatible, 16-Bit Analog-to-Digital Converter with Internal Reference and Temperature Sensor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS1015 Datasheet(HTML) 32 Page - Texas Instruments

Back Button ADS1015 Datasheet HTML 28Page - Texas Instruments ADS1015 Datasheet HTML 29Page - Texas Instruments ADS1015 Datasheet HTML 30Page - Texas Instruments ADS1015 Datasheet HTML 31Page - Texas Instruments ADS1015 Datasheet HTML 32Page - Texas Instruments ADS1015 Datasheet HTML 33Page - Texas Instruments ADS1015 Datasheet HTML 34Page - Texas Instruments ADS1015 Datasheet HTML 35Page - Texas Instruments ADS1015 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 50 page
background image
INITIALIZE
POWER DOWN
DATA CAPTURE
YES
Configure microcontroller SPI interface to SPI
mode 1 (CPOL = 0, CPHA = 1);
If the
pin is not tied low permanently,
CS
configure the microcontroller GPIO connected
to
as an output;
CS
Configure the microcontroller GPIO connected
to the
pin as a falling edge triggered
DRDY
interrupt input;
Set
to the device low;
CS
Write the config register to set the device to
FSR = ±0.512 V, continuous conversion
mode, data rate = 64 SPS
Clear
to high to reset the serial interface
CS
Power-up; Wait for supplies to settle to
nominal to ensure power-up reset is complete;
Wait for 50 µs
Take
low
CS
Read out conversion result
and clear CS to high before
NO
Delay for minimum td(CSSC)
Take
low
CS
Set MODE bit in config register to '1'
to enter power-down and single-shot
mode
Clear
to high
CS
Wait for DOUT/
DRDY to transition
low
Delay for minimum td(CSSC)
Delay for minimum td(CSSC)
DOUT/
goes low again
DRDY
32
ADS1118
SBAS457F – OCTOBER 2010 – REVISED SEPTEMBER 2019
www.ti.com
Product Folder Links: ADS1118
Submit Documentation Feedback
Copyright © 2010–2019, Texas Instruments Incorporated
Application Information (continued)
10.1.6 Pseudo Code Example
The flow chart in Figure 49 shows a pseudo code sequence with the required steps to set up communication
between the device and a microcontroller to take subsequent readings from the ADS1118. As an example, the
default Config Register settings are changed to set up the device in FSR = ±0.512 V, continuous conversion
mode and 64-SPS data rate.
Figure 49. Pseudo Code Example Flow Chart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com