Electronic Components Datasheet Search
  English  ▼

X  

ADS1015 Datasheet(PDF) 12 Page - Texas Instruments

Part # ADS1015
Description  ADS1118 Ultrasmall, Low-Power, SPI™-Compatible, 16-Bit Analog-to-Digital Converter with Internal Reference and Temperature Sensor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS1015 Datasheet(HTML) 12 Page - Texas Instruments

Back Button ADS1015 Datasheet HTML 8Page - Texas Instruments ADS1015 Datasheet HTML 9Page - Texas Instruments ADS1015 Datasheet HTML 10Page - Texas Instruments ADS1015 Datasheet HTML 11Page - Texas Instruments ADS1015 Datasheet HTML 12Page - Texas Instruments ADS1015 Datasheet HTML 13Page - Texas Instruments ADS1015 Datasheet HTML 14Page - Texas Instruments ADS1015 Datasheet HTML 15Page - Texas Instruments ADS1015 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 50 page
background image
0
50
100
150
200
Gain Error (%)
G000
0.15
0.1
0.05
0
0.05
0.1
0.15
-
-
-
2
2.5
3
3.5
4
4.5
5
5.5
Supply Voltage (V)
FSR = 256 mV
±
FSR = 2.048 V
±
0
50
100
150
200
Offset (µV)
G000
−0.05
−0.04
−0.03
−0.02
−0.01
0
0.01
0.02
0.03
0.04
0.05
−40
−20
0
20
40
60
80
100
120
140
Temperature (°C)
FSR = ±0.256 V
FSR = ±0.512 V
FSR = ±1.024 V
FSR = ±2.048 V
FSR = ±4.096 V
FSR = ±6.144 V
0
5
10
15
Offset Drift (LSB/°C)
G046
−40
−30
−20
−10
0
10
20
30
40
2
2.5
3
3.5
4
4.5
5
Supply Voltage (V)
AIN0 to AIN1
AIN0 to AIN3
AIN1 to AIN3
AIN2 to AIN3
G007
12
ADS1118
SBAS457F – OCTOBER 2010 – REVISED SEPTEMBER 2019
www.ti.com
Product Folder Links: ADS1118
Submit Documentation Feedback
Copyright © 2010–2019, Texas Instruments Incorporated
Typical Characteristics (continued)
At TA = 25°C, VDD = 3.3 V, FSR = ±2.048 V (unless otherwise noted).
Figure 14. Differential Offset Voltage vs Supply
FSR = ±2.048 V, TA = –40°C to +125°C, MUX = AIN0 to AIN3,
540 units from 3 production lots
Figure 15. Offset Drift Histogram
FSR = ±2.048 V,
540 units from 3 production lots
Figure 16. Offset Histogram
Figure 17. Gain Error vs Temperature
Figure 18. Gain Error vs Supply
FSR = ±2.048 V,
540 units from 3 production lots
Figure 19. Gain Error Histogram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com