Electronic Components Datasheet Search
  English  ▼

X  

ADS1194 Datasheet(PDF) 32 Page - Texas Instruments

Part # ADS1194
Description  ADS129x Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS1194 Datasheet(HTML) 32 Page - Texas Instruments

Back Button ADS1194 Datasheet HTML 28Page - Texas Instruments ADS1194 Datasheet HTML 29Page - Texas Instruments ADS1194 Datasheet HTML 30Page - Texas Instruments ADS1194 Datasheet HTML 31Page - Texas Instruments ADS1194 Datasheet HTML 32Page - Texas Instruments ADS1194 Datasheet HTML 33Page - Texas Instruments ADS1194 Datasheet HTML 34Page - Texas Instruments ADS1194 Datasheet HTML 35Page - Texas Instruments ADS1194 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 114 page
background image
−160
−150
−140
−130
−120
−110
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
0.001
0.01
0.1
1
Normalized Frequency (fIN/fMOD)
G001
REF
REF
V
2V
Full-Scale Range
Gain
Gain
±
=
=
MAX _ DIFF
MAX _ DIFF
Gain
V
Gain
V
AVDD
0.2 V
CM
AVSS
0.2 V
2
2
´
´
æ
ö
æ
ö
-
-
>
>
+
+
ç
÷
ç
÷
ç
÷
ç
÷
è
ø
è
ø
ADS1294, ADS1294R, ADS1296, ADS1296R, ADS1298, ADS1298R
SBAS459K – JANUARY 2010 – REVISED AUGUST 2015
www.ti.com
9.3.1.5.1
Input Common-Mode Range
The usable input common-mode range of the front end depends on various parameters, including the maximum
differential input signal, supply voltage, PGA gain, and more. This range is described in Equation 2:
where
•
VMAX_DIFF = maximum differential signal at the input of the PGA
•
CM = common-mode range
(2)
For example, If VDD = 3 V, gain = 6, and VMAX_DIFF = 350 mV, then 1.25 V < CM < 1.75 V.
9.3.1.5.2
Input Differential Dynamic Range
The differential (INP – INN) signal range depends on the analog supply and reference used in the system. This
range is shown in Equation 3.
(3)
The 3-V supply, with a reference of 2.4 V and a gain of 6 for ECGs, is optimized for power with a differential
input signal of approximately 300 mV. For higher dynamic range, use a 5-V supply with a reference of 4 V (set by
the VREF_4V bit of the CONFIG3 register) to increase the differential dynamic range.
9.3.1.5.3
ADC Delta-Sigma Modulator
Each channel of the ADS129x has a 24-bit, delta-sigma ADC. This converter uses a second-order modulator
optimized for low-power applications. The modulator samples the input signal at the rate of fMOD = fCLK / 4 for
high-resolution (HR) mode and fMOD = fCLK / 8 for low-power (LP) mode. As in the case of any delta-sigma
modulator, the noise of the ADS129x is shaped until fMOD / 2, as shown in Figure 30. Use the on-chip digital
decimation filters, explained in the Digital Decimation Filter section, to filter out the noise at higher frequencies.
These on-chip decimation filters also provide antialias filtering. This feature of the delta-sigma converters
drastically reduces the complexity of the analog antialiasing filters that are typically needed with Nyquist ADCs.
Figure 30. Modulator Noise Spectrum up to 0.5 × fMOD
32
Submit Documentation Feedback
Copyright © 2010–2015, Texas Instruments Incorporated
Product Folder Links: ADS1294 ADS1294R ADS1296 ADS1296R ADS1298 ADS1298R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com