Electronic Components Datasheet Search
  English  ▼

X  

ADS1194 Datasheet(PDF) 12 Page - Texas Instruments

Part # ADS1194
Description  ADS129x Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS1194 Datasheet(HTML) 12 Page - Texas Instruments

Back Button ADS1194 Datasheet HTML 8Page - Texas Instruments ADS1194 Datasheet HTML 9Page - Texas Instruments ADS1194 Datasheet HTML 10Page - Texas Instruments ADS1194 Datasheet HTML 11Page - Texas Instruments ADS1194 Datasheet HTML 12Page - Texas Instruments ADS1194 Datasheet HTML 13Page - Texas Instruments ADS1194 Datasheet HTML 14Page - Texas Instruments ADS1194 Datasheet HTML 15Page - Texas Instruments ADS1194 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 114 page
background image
ADS1294, ADS1294R, ADS1296, ADS1296R, ADS1298, ADS1298R
SBAS459K – JANUARY 2010 – REVISED AUGUST 2015
www.ti.com
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
AVDD to AVSS
–0.3
5.5
V
DVDD to DGND
–0.3
3.9
V
AVSS to DGND
–3
0.2
V
VREFP input to AVSS
AVSS – 0.3
AVDD + 0.3
V
Analog input voltage
AVSS – 0.3
AVDD + 0.3
V
Digital input voltage
DGND – 0.3
DVDD + 0.3
V
Digital output voltage
DGND – 0.3
DVDD + 0.3
V
Input current (momentary)
100
mA
Input current (continuous)
10
mA
Junction temperature, TJ
–40
150
°C
Storage temperature, Tstg
–60
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
7.2 ESD Ratings
VALUE
UNIT
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, all pins(1)
±2000
Electrostatic
V(ESD)
V
discharge
Charged device model (CDM), per JEDEC specification JESD22-C101, all pins(2)
±500
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.3 Recommended Operating Conditions
over operating ambient temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
POWER SUPPLY
Analog power supply (AVDD – AVSS)
2.7
3
5.25
V
Digital power supply (DVDD)
1.65
1.8
3.6
V
AVDD – DVDD
–2.1
3.6
V
ANALOG INPUTS
Full-scale differential input voltage range (AINP – AINN)
±VREF / Gain
V
See the Input Common-Mode Range
Common-mode input voltage
subsection of the PGA Settings and Input
Range section
VOLTAGE REFERENCE INPUTS
3-V supply VREF = (VREFP – VREFN)
2.5
V
Differential reference voltage
5-V supply VREF = (VREFP – VREFN)
4
V
Negative input (VREFN)
AVSS
V
Positive input (VREFP)
AVSS + 2.5
V
CLOCK INPUT
External clock input frequency
CLKSEL pin = 0
1.94
2.048
2.25
MHz
DIGITAL INPUTS
Input Voltage
DGND
DVDD
V
TEMPERATURE RANGE
Commercial grade
0
70
°C
Operating temperature range
Industrial grade
–40
85
°C
12
Submit Documentation Feedback
Copyright © 2010–2015, Texas Instruments Incorporated
Product Folder Links: ADS1294 ADS1294R ADS1296 ADS1296R ADS1298 ADS1298R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com