Electronic Components Datasheet Search
  English  ▼

X  

AFE5803 Datasheet(PDF) 24 Page - Texas Instruments

Part # AFE5803
Description  ADS5294 Octal-Channel 14-Bit 80-MSPS High-SNR and Low-Power ADC
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AFE5803 Datasheet(HTML) 24 Page - Texas Instruments

Back Button AFE5803 Datasheet HTML 20Page - Texas Instruments AFE5803 Datasheet HTML 21Page - Texas Instruments AFE5803 Datasheet HTML 22Page - Texas Instruments AFE5803 Datasheet HTML 23Page - Texas Instruments AFE5803 Datasheet HTML 24Page - Texas Instruments AFE5803 Datasheet HTML 25Page - Texas Instruments AFE5803 Datasheet HTML 26Page - Texas Instruments AFE5803 Datasheet HTML 27Page - Texas Instruments AFE5803 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 82 page
background image
70
75
80
85
90
95
100
10
20
30
40
50
60
70
Frequency of Aggressor Channel (MHz)
Far Channel
Near Channel
−160
−150
−140
−130
−120
−110
0.01
0.1
1
10
100
Frequency Offset (kHz)
74.0
74.5
75.0
75.5
76.0
76.5
77.0
−40
−20
0
20
40
60
80
Temperature (°C)
AVDD=1.65V
AVDD=1.7V
AVDD=1.8V
AVDD=1.9V
AVDD=1.95V
78
79
80
81
82
83
84
85
86
87
88
−40
−20
0
20
40
60
80
Temperature (°C)
AVDD=1.65V
AVDD=1.7V
AVDD=1.8V
AVDD=1.9V
AVDD=1.95V
35
40
45
50
55
60
65
82
82.5
83
83.5
84
84.5
85
85.5
86
73
73.5
74
74.5
75
75.5
76
76.5
77
Input Clock Duty Cycle (%)
SFDR
SNR
0.80
0.85
0.90
0.95
1.00
1.05
1.10
80
81
82
83
84
85
86
87
88
89
90
73
73.5
74
74.5
75
75.5
76
76.5
77
77.5
78
Analog Input Common−mode voltage (V)
SFDR
SNR
Fin = 5 MHz
24
ADS5294
SLAS776E – NOVEMBER 2011 – REVISED APRIL 2018
www.ti.com
Product Folder Links: ADS5294
Submit Documentation Feedback
Copyright © 2011–2018, Texas Instruments Incorporated
Typical Characteristics (continued)
Typical values are at 25°C, AVDD = 1.8 V, LVDD = 1.8 V, 50% clock duty cycle, –1-dBFS differential analog input, 14 Bit/ 80
MSPS, ADC is configured in the internal reference mode, unless otherwise noted.
Figure 20. Performance vs Input Clock Duty
CyclePerformance vs Input Clock Duty Cycle
Figure 21. Performance vs Input VCM
Figure 22. Signal-To-Noise Ratio vs Temperature
Figure 23. Spurious-Free Dynamic Range vs Temperature
Figure 24. Crosstalk vs Frequency
Figure 25. Phase Noise for 5-MHz Input Signal, Sample Rate
= 80 MSPS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com