Electronic Components Datasheet Search
  English  ▼

X  

AFE5803 Datasheet(PDF) 12 Page - Texas Instruments

Part # AFE5803
Description  ADS5294 Octal-Channel 14-Bit 80-MSPS High-SNR and Low-Power ADC
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AFE5803 Datasheet(HTML) 12 Page - Texas Instruments

Back Button AFE5803 Datasheet HTML 8Page - Texas Instruments AFE5803 Datasheet HTML 9Page - Texas Instruments AFE5803 Datasheet HTML 10Page - Texas Instruments AFE5803 Datasheet HTML 11Page - Texas Instruments AFE5803 Datasheet HTML 12Page - Texas Instruments AFE5803 Datasheet HTML 13Page - Texas Instruments AFE5803 Datasheet HTML 14Page - Texas Instruments AFE5803 Datasheet HTML 15Page - Texas Instruments AFE5803 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 82 page
background image
12
ADS5294
SLAS776E – NOVEMBER 2011 – REVISED APRIL 2018
www.ti.com
Product Folder Links: ADS5294
Submit Documentation Feedback
Copyright © 2011–2018, Texas Instruments Incorporated
Electrical Characteristics Dynamic Performance (continued)
Typical values are at 25°C, AVDD = 1.8 V, LVDD = 1.8 V, 50% clock duty cycle, –1 dBFS differential analog input, Sample
rate = 80 MSPS, ADC is configured in internal reference mode (unless otherwise noted). MIN and MAX values are across the
full temperature range TMIN = –40°C to TMAX = 85°C, AVDD = 1.8 V, LVDD = 1.8 V.
PARAMETERS
TEST CONDITIONS
MIN
TYP
MAX
UNIT
(1)
The maximum limit used for the LVDD current at –40°C is 132 mA.
DC ACCURACY
Offset error
Across devices and across channels within a device
–15
15
mV
Temperature coefficient of offset error
< 0.01
mV/ °C
E(GREF)
Gain error due to internal reference
inaccuracy alone
Across devices
–2
2
%FS
E(GCHAN)
Gain error of channel alone
0.5
%FS
Temperature coefficient of E(GCHAN)
< 0.01
%FS/ °C
POWER SUPPLY
Power consumption
80 MSPS, 14 Bit, 2-wire LVDS
77
mW/CH
50 MSPS, 1 wire LVDS
58
mW/CH
40 MSPS, 14 Bit, 1-wire LVDS
52
mW/CH
10 MSPS, 14 Bit, 1-wire LVDS
33
mW/CH
fin = 10 MHz, 80 MSPS, 14 Bit,
Decimation filter = 2, 1-wire LVDS
100
mW/CH
AVDD
14 Bit, 80 MSPS
230
265
mA
14 Bit, 65 MSPS
200
mA
14 Bit, 40 MSPS
155
mA
LVDD
80 MSPS, 14 Bit, 2-wire LVDS(1)
111
122
mA
50 MSPS, 14 Bit, 1-wire LVDS
80
mA
40 MSPS, 14 Bit, 1-wire LVDS
73
mA
80 MSPS, 1 Bit, Decimation filter = 2,
1-wire LVDS
210
mA
Power-down power consumption
Partial Power Down (80 MSPS, 2-wire)
175
mW
Complete Power Down
60
mW
Power supply modulation ratio
Carrier = 5 MHz, f(PSRR) = 10 kHz, 50 mVpp on AVDD
35
dB
Power supply rejection ratio
AC power supply rejection ratio f = 10 kHz
55
dB
8.6 Digital Characteristics
The DC specifications refer to the condition where the digital outputs are not switching, but are permanently at a valid logic
level 0 or 1. AVDD = 1.8 V, LVDD = 1.8 V
PARAMETERS
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DIGITAL INPUTS/OUTPUTS
VIH
Logic high input voltage
All digital inputs support 1.8-V and 3.3-V CMOS
logic levels.
1.3
V
VIL
Logic low input voltage
0.4
V
IIH
Logic high input current
VHIGH = 1.8 V
6
µA
IIL
Logic low input current
VLOW = 0 V
< 0.1
µA
VOH
Logic high output voltage
AVDD - 0.1
V
VOL
Logic low output voltage
0.2
V
LVDS OUTPUTS (see Figure 2)
VODH
High-level output differential
voltage
100-Ω external termination
245
350
405
mV
VODL
Low-level output differential
voltage
100-Ω external termination
–245
–350
–405
mV
VOCM
Output common-mode voltage
900
1100
1300
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com