Electronic Components Datasheet Search
  English  ▼

X  

AFE5805 Datasheet(PDF) 28 Page - Texas Instruments

Part # AFE5805
Description  ADS5294 Octal-Channel 14-Bit 80-MSPS High-SNR and Low-Power ADC
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AFE5805 Datasheet(HTML) 28 Page - Texas Instruments

Back Button AFE5805 Datasheet HTML 24Page - Texas Instruments AFE5805 Datasheet HTML 25Page - Texas Instruments AFE5805 Datasheet HTML 26Page - Texas Instruments AFE5805 Datasheet HTML 27Page - Texas Instruments AFE5805 Datasheet HTML 28Page - Texas Instruments AFE5805 Datasheet HTML 29Page - Texas Instruments AFE5805 Datasheet HTML 30Page - Texas Instruments AFE5805 Datasheet HTML 31Page - Texas Instruments AFE5805 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 82 page
background image
28
ADS5294
SLAS776E – NOVEMBER 2011 – REVISED APRIL 2018
www.ti.com
Product Folder Links: ADS5294
Submit Documentation Feedback
Copyright © 2011–2018, Texas Instruments Incorporated
9 Detailed Description
9.1 Overview
The ADS5294 is an octal-channel, 14-bit, high-speed ADC with a sample rate of up to 80 MSPS that runs off a
single 1.8-V supply. All eight channels of the ADS5294 simultaneously sample the respective analog inputs at
the rising edge of the input clock. The sampled signal is sequentially converted by a series of small resolution
stages, with the outputs combined in a digital correction logic block. At every clock, edge the sample propagates
through the pipeline resulting in a data latency of 11 clock cycles.
The 14 data bits of each channel are serialized and sent out in either 1-wire mode (one pair of LVDS pins are
used) or 2-wire mode (two pairs of LVDS pins are used), depending on the LVDS output rate. When the data is
output in the 2-wire mode, it reduces the serial data rate of the outputs, especially at higher sampling rates. Low-
cost FPGAs are used to capture 80 MSPS / 14-bit data. Alternately, at lower sample rates, the 14-bit data is
output as a single data stream over one pair of LVDS pins (1-wire mode). The device outputs a bit clock at 7x
and frame clock at 1x the sample frequency in the 14-bit mode.
This 14-bit ADC achieves approximately 76-dBFS SNR at 80 MSPS. Its output resolution can be configured as
12-bit and 10-bit, if necessary. When the output resolution of the ADS5294 is 12-bit and 10-bit, SNR of 72 dBFS
and 61 dBFS (respectively) is achieved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com