Electronic Components Datasheet Search
  English  ▼

X  

AFE5805 Datasheet(PDF) 32 Page - Texas Instruments

Part # AFE5805
Description  ADS5294 Octal-Channel 14-Bit 80-MSPS High-SNR and Low-Power ADC
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AFE5805 Datasheet(HTML) 32 Page - Texas Instruments

Back Button AFE5805 Datasheet HTML 28Page - Texas Instruments AFE5805 Datasheet HTML 29Page - Texas Instruments AFE5805 Datasheet HTML 30Page - Texas Instruments AFE5805 Datasheet HTML 31Page - Texas Instruments AFE5805 Datasheet HTML 32Page - Texas Instruments AFE5805 Datasheet HTML 33Page - Texas Instruments AFE5805 Datasheet HTML 34Page - Texas Instruments AFE5805 Datasheet HTML 35Page - Texas Instruments AFE5805 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 82 page
background image
−45
−42
−39
−36
−33
−30
−27
−24
−21
−18
−15
−12
−9
−6
−3
0
3
0.02
0.1
1
10 15
Input Signal Frequency (MHz)
K=2
K=3
K=4
K=5
K=6
K=7
K=8
K=9
K=10
k
k
2
y(n) =
[x(n) x(n 1)+y(n 1)]
2 +1
-
-
-
32
ADS5294
SLAS776E – NOVEMBER 2011 – REVISED APRIL 2018
www.ti.com
Product Folder Links: ADS5294
Submit Documentation Feedback
Copyright © 2011–2018, Texas Instruments Incorporated
Feature Description (continued)
9.3.3 Digital Highpass IIR Filter
DC offset is often observed at ADC input signals. For example, in ultrasound applications, the DC offset from
variable-gain amplifier (VGA) varies at different gains. Such a variable offset can introduce artifacts in ultrasound
images especially in Doppler modes. Analog filter between ADC and VGA can be used with added noise and
power. Digital filter achieves the same performance as analog filters and has more flexibility in fine tuning
multiple characteristics.
ADS5294 includes optional first-order digital high-pass (HP) IIR filter. Figure 46 shows the device block diagram
and transfer function.
(1)
Figure 46. HP Filter Block Diagram
Figure 47 shows the characteristics at k=2 to 10.
Figure 47. HP Filter Amplitude Response at K = 2 to 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com