Electronic Components Datasheet Search
  English  ▼

X  

ADS805 Datasheet(PDF) 2 Page - Texas Instruments

Part # ADS805
Description  12-Bit, 20MHz Sampling ANALOG-TO-DIGITAL CONVERTER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS805 Datasheet(HTML) 2 Page - Texas Instruments

  ADS805 Datasheet HTML 1Page - Texas Instruments ADS805 Datasheet HTML 2Page - Texas Instruments ADS805 Datasheet HTML 3Page - Texas Instruments ADS805 Datasheet HTML 4Page - Texas Instruments ADS805 Datasheet HTML 5Page - Texas Instruments ADS805 Datasheet HTML 6Page - Texas Instruments ADS805 Datasheet HTML 7Page - Texas Instruments ADS805 Datasheet HTML 8Page - Texas Instruments ADS805 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
ADS805
2
SBAS073B
www.ti.com
+VS ....................................................................................................... +6V
Analog Input ............................................................. –0.3V to (+VS) + 0.3V
Logic Input ............................................................... –0.3V to (+VS) + 0.3V
Case Temperature ......................................................................... +100
°C
Junction Temperature .................................................................... +150
°C
Storage Temperature ..................................................................... +150
°C
ABSOLUTE MAXIMUM RATINGS(1)
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Texas Instru-
ments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling
and installation procedures can cause damage.
ESD damage can range from subtle performance degradation
to complete device failure. Precision integrated circuits may be
more susceptible to damage because very small parametric
changes could cause the device not to meet its published
specifications.
ADS805E
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
RESOLUTION
12 Bits Tested
SPECIFIED TEMPERATURE RANGE
–40 to +85
°C
CONVERSION CHARACTERISTICS
Sample Rate
10k
20M
Samples/s
Data Latency
6
Clk Cycles
ANALOG INPUT
Standard Single-Ended Input Range
1.5
3.5
V
Optional Single-Ended Input Range
0
5
V
Standard Common-Mode Voltage
2.5
V
Standard Optional Common-Mode Voltage
1
V
Input Capacitance
20
pF
Analog Input Bandwidth
–3dBFS Input
270
MHz
DYNAMIC CHARACTERISTICS
Differential Linearity Error (Largest Code Error)
f = 500kHz
±0.25
±0.75
LSB
No Missing Codes
Tested
Spurious-Free Dynamic Range(1)
f = 9.8MHz
65
74
dBFS(2)
2-Tone Intermodulation Distortion(3)
f = 7.7MHz and 7.9MHz (–7dB each tone)
–70
dBc
Signal-to-Noise Ratio (SNR)
f = 9.8MHz
63
68
dBFS
Signal-to-(Noise + Distortion) (SINAD)
f = 9.8MHz
62
66
dBFS
Effective Number of Bits at 9.8MHz(4)
10.7
Bits
Input Referred Noise
0V to 5V Input
0.09
LSBs rms
1.5V to 3.5V Input
0.23
LSBs rms
Integral Nonlinearity Error
f = 500kHz
±1
±2LSB
Aperture Delay Time
3ns
Aperture Jitter
4
ps rms
Over-Voltage Recovery Time
1.5x FS Input
2
ns
Full-Scale Step Acquisition Time
20
ns
ELECTRICAL CHARACTERISTICS
At TA = full specified temperature range, VS = +5V, specified input range = 1.5V to 3.5V, and single-ended input and sampling rate = 20MHz, unless otherwise specified.
NOTES: (1) Spurious-Free Dynamic Range refers to the magnitude of the largest harmonic. (2) dBFS means dB relative to full-scale. (3) 2-tone intermodulation
distortion is referred to the largest fundamental tone. This number will be 6dB higher if it is referred to the magnitude of the 2-tone fundamental envelope. (4) Effective
number of bits (ENOB) is defined by (SINAD – 1.76)/6.02. (5) Internal 50k
Ω pull-down resistor. (6) Includes internal reference. (7) Excludes internal reference.
SPECIFIED
PACKAGE
TEMPERATURE
PACKAGE
ORDERING
TRANSPORT
PRODUCT
PACKAGE-LEAD
DESIGNATOR(1)
RANGE
MARKING
NUMBER(2)
MEDIA, QUANTITY
ADS805
SSOP-28
DB
–40
°C to +85°C
ADS805E
ADS805E
Rails, 48
"
"""
"
ADS805E/1K
Tape and Reel, 1000
NOTE: (1) For the most current specifications and package information, refer to our web site at www.ti.com.
PACKAGE/ORDERING INFORMATION
NOTE: (1) Stresses above those listed under “Absolute Maximum Ratings”
may cause permanent damage to the device. Exposure to absolute maximum
conditions for extended periods may affect device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com