Electronic Components Datasheet Search
  English  ▼

X  

ADS805 Datasheet(PDF) 12 Page - Texas Instruments

Part # ADS805
Description  12-Bit, 20MHz Sampling ANALOG-TO-DIGITAL CONVERTER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS805 Datasheet(HTML) 12 Page - Texas Instruments

Back Button ADS805 Datasheet HTML 8Page - Texas Instruments ADS805 Datasheet HTML 9Page - Texas Instruments ADS805 Datasheet HTML 10Page - Texas Instruments ADS805 Datasheet HTML 11Page - Texas Instruments ADS805 Datasheet HTML 12Page - Texas Instruments ADS805 Datasheet HTML 13Page - Texas Instruments ADS805 Datasheet HTML 14Page - Texas Instruments ADS805 Datasheet HTML 15Page - Texas Instruments ADS805 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
ADS805
12
SBAS073B
www.ti.com
If necessary, external buffers or latches may be used which
provide the added benefit of isolating the ADS805 from any
digital noise activities on the bus coupling back high-fre-
quency noise. In addition, resistors in series with each data
line may help maintain the ac performance of the ADS805.
Their use depends on the capacitive loading seen by the
converter. Values in the range of 100
Ω to 200Ω will limit the
instantaneous current the output stage has to provide for
recharging the parasitic capacitances, as the output levels
change from LOW to HIGH or HIGH to LOW.
GROUNDING AND DECOUPLING
Proper grounding and bypassing, short lead length, and the
use of ground planes are particularly important for high-
frequency designs. Multilayer PC boards are recommended
for best performance since they offer distinct advantages like
minimizing ground impedance, separation of signal layers by
ground layers, etc. It is recommended that the analog and
digital ground pins of the ADS805 be joined together at the
IC and be connected only to the analog ground of the
system.
The ADS805 has analog and digital supply pins, however the
converter should be treated as an analog component and all
supply pins should be powered by the analog supply. This
will ensure the most consistent results, since digital supply
lines often carry high levels of noise that would otherwise be
coupled into the converter and degrade the achievable per-
formance.
Because of the pipeline architecture, the converter also
generates high-frequency current transients and noise that
are fed back into the supply and reference lines. This
requires that the supply and reference pins be sufficiently
bypassed. Figure 12 shows the recommended decoupling
scheme for the analog supplies. In most cases, 0.1
µF ce-
ramic chip capacitors are adequate to keep the impedance
low over a wide frequency range. Their effectiveness largely
depends on the proximity to the individual supply pin. There-
fore, they should be located as close to the supply pins as
possible. In addition, a larger size bipolar capacitor (1
µF to
22
µF) should be placed on the PC board in close proximity
to the converter circuit.
FIGURE 11. External Logic for Decoding Under-Range and
Over-Range Conditions.
OVR
MSB
Under = H
Over = H
CLOCK INPUT REQUIREMENTS
Clock jitter is critical to the SNR performance of high-speed,
high-resolution ADCs. It leads to aperture jitter (tA) which adds
noise to the signal being converted. The ADS805 samples the
input signal on the rising edge of the CLK input. Therefore, this
edge should have the lowest possible jitter. The jitter noise
contribution to total SNR is given by Equation 2. If this value
is near your system requirements, input clock jitter must be
reduced.
Jitter SNR
t
rms signal to rms noise
IN A
=
ƒ
20
1
2
log
π
(2)
Where: ƒIN is Input Signal Frequency,
tA is rms Clock Jitter
Particularly in undersampling applications, special consider-
ation should be given to clock jitter. The clock input should be
treated as an analog input in order to achieve the highest
level of performance. Any overshoot or undershoot of the
clock signal may cause degradation of the performance.
When digitizing at high sampling rates, the clock should have
a 50% duty cycle (tH = tL), along with fast rise-and-fall times
of 2ns or less.
DIGITAL OUTPUTS
The digital outputs of the ADS805 are designed to be
compatible with both high-speed TTL and CMOS logic fami-
lies. The driver stage for the digital outputs is supplied
through a separate supply pin, VDRV, which is not con-
nected to the analog supply pins. By adjusting the voltage on
VDRV, the digital output levels will vary respectively. There-
fore, it is possible to operate the ADS805 on a +5V analog
supply while interfacing the digital outputs to 3V-logic with
the VDRV pin tied to the +3V digital supply.
It is recommended to keep the capacitive loading on the data
lines as low as possible (
≤ 15pF). Larger capacitive loads
demand higher charging currents as the outputs are chang-
ing. Those high-current surges can feed back to the analog
portion of the ADS805 and influence the performance.
FIGURE 12. Recommended Bypassing for Analog Supply Pins.
+V
S
27
26
GND
ADS805
+
0.1µF
0.1µF
+V
S
16
17
GND
2.2µF
VDRV
28
0.1µF
+5V/+3V
+5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com