Electronic Components Datasheet Search
  English  ▼

X  

ADS830E Datasheet(PDF) 3 Page - Texas Instruments

Part # ADS830E
Description  8-Bit, 60MHz Sampling ANALOG-TO-DIGITAL CONVERTER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS830E Datasheet(HTML) 3 Page - Texas Instruments

  ADS830E Datasheet HTML 1Page - Texas Instruments ADS830E Datasheet HTML 2Page - Texas Instruments ADS830E Datasheet HTML 3Page - Texas Instruments ADS830E Datasheet HTML 4Page - Texas Instruments ADS830E Datasheet HTML 5Page - Texas Instruments ADS830E Datasheet HTML 6Page - Texas Instruments ADS830E Datasheet HTML 7Page - Texas Instruments ADS830E Datasheet HTML 8Page - Texas Instruments ADS830E Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
ADS830
3
SBAS086A
ELECTRICAL CHARACTERISTICS (Cont.)
At TA = full specified temperature range, single-ended input range = 1.5V to 3.5V, sampling rate = 60MHz, and external reference, unless otherwise noted.
ADS830E
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
CMOS/TTL Compatible
Rising Edge of Convert Clock
CMOS/TTL Compatible
Straight Offset Binary
DIGITAL INPUTS
Logic Family
Convert Command
Start Conversion
High Level Input Current(5) (VIN = 5V)
100
µA
Low Level Input Current (VIN = 0V)
10
µA
High Level Input Voltage
+2.4
V
Low Level Input Voltage
+1.0
V
Input Capacitance
5pF
DIGITAL OUTPUTS
Logic Family
Logic Coding
Low Output Voltage (IOL = 50µA)
VDRV = 5V
+0.1
V
Low Output Voltage, (IOL = 1.6mA)
+0.2
V
High Output Voltage, (IOH = 50µA)
+4.9
V
High Output Voltage, (IOH = 0.5mA)
+4.8
V
Low Output Voltage, (IOL = 50µA)
VDRV = 3V
+0.1
V
High Output Voltage, (IOH = 50µA)
+2.8
V
Output Capacitance
5pF
ACCURACY (External Reference, 2Vp-p, Unless Otherwise Noted)
fS = 2.5MHz
Zero Error (Referred to –FS)
at 25
°C
–2.5
±0.25
+2.5
%FS
Zero Error Drift (Referred to –FS)
±53
ppm/
°C
Gain Error(6)
at 25
°C
–2.5
±0.3
+2.5
%FS
Gain Error Drift(6)
±75
ppm/
°C
Power Supply Rejection of Gain
∆ V
S = ±5%
58
dB
Internal REFT Tolerance
Deviation from Ideal 3.0V
±10
±100
mV
Internal REFB Tolerance
Deviation from Ideal 2.0V
±10
±100
mV
External REFT Voltage Range
REFB + 0.8
3.0
VS – 1.25
V
External REFB Voltage Range
1.25
2.0
REFT – 0.8
V
Reference Input Resistance
REFT to REFB
800
k
Ω
POWER SUPPLY REQUIREMENTS
Supply Voltage: +VS
Operating
+4.75
+5.0
+5.25
V
Supply Current: +IS
Operating
37
45
mA
Power Dissipation: VDRV = 5V
External Reference
185
225
mW
VDRV = 3V
External Reference
170
mW
VDRV = 5V
Internal Reference
215
mW
VDRV = 3V
Internal Reference
200
mW
Thermal Resistance,
θ
JA
SSOP-20
115
°C/W
NOTES: (1) Spurious Free Dynamic Range refers to the magnitude of the largest harmonic. (2) dBFS means dB relative to Full Scale. (3) Two-tone
intermodulation distortion is referred to the largest fundamental tone. This number will be 6dB higher if it is referred to the magnitude of the two-tone fundamental
envelope. (4) Effective number of bits (ENOB) is defined by (SINAD – 1.76) /6.02. (5) A 50k
Ω pull-down resistor is inserted internally. (6) Excludes internal
reference.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com